Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8162 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8162 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
9/14/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
G52209-0, Rev. 2.0
Absolute Maximum Ratings1
Power Supply Voltage, (VEE) .................................................................................................. -7V to VCC+0.5V
Power Supply Voltage, (VTT) ............................................................................................................ -3V to 0.5V
DC Input Voltage (Differential inputs) ......................................................................................... -2.5V to +0.5V
Output Current (Differential Outputs) ....................................................................................................+/-50mA
Case Temperature Under Bias ......................................................................................................-55o to +125oC
Storage Temperature.................................................................................................................. -65oC to +150oC
Recommended Operating Conditions
Power Supply Voltage, (VEE) ...............................................................................................................-5.2V+5%
Power Supply Voltage, (VTT) ...............................................................................................................-2.0V+5%
Operating Temperature Range ...........................................................0oC Ambient to +85oC Case Temperature
Notes:
(1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing per-
manent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com