Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8162 Datasheet(PDF) 18 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC8162 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
Page 18
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/14/98
G52209-0, Rev. 2.0
Table 9: Power Supply Summary
All supplies which reference the same voltage may be connected to the same power supply plane. The
VCCANA, and VEEANA are noise sensitive supplies. Appropriate power supply noise suppression should be
applied to optimize the performance of the device.
VCC
115
-
Power supply (GND typ.)
VTT
116
-
Power supply (-2.0V typ.)
REFCK-
117
I
19.44 MHz Reference Clock (complement)
REFCK+
118
I
19.44 MHz Reference Clock (true)
NC
119
-
Do not connect, leave open
DINVERT
120
I
Invert Parallel Data Outputs (Logic High = Invert)
CKOE
121
I
Test input (logic high enables 2.488 GHz clock output)
VTT
122
-
Power supply (-2.0V typ.)
VEE
123
-
Power supply (-5.2V typ.)
VCC
124
-
Power supply (GND typ.)
CLKO+
125
O
Test signal - low-swing high speed clock output (true)
CLKO-
126
O
Test signal - low-swing high speed clock output (complement)
VCC
127
-
Power supply (GND typ.)
VEE
128
-
Power supply (-5.2V typ.)
Signal Name
Pin #
Description
VEE
5,8,10,15,17,23,123,128
Power supply (-5.2V typ.)
VEEANA
24,43
Power supply for analog circuits (-5.2 typ.)
VTT
31,52,53,60,69,70,76,
82,87,88,94,100,101,
108,111,114,116,122
Power supply (-2.0V typ.)
VCC
1,2,4,6,7,9,11,14,16,18,
21,37,38,45,54,59,67,
68,75,81,89,95,102,107,
115,124,127
Power supply (GND typ.)
VCCANA
25,44
Power supply for analog circuits (GND typ.)
VSUB
65
Substrate Voltage (connect to lowest supply voltage, i.e., VEE)
Signal Name
Pin #
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com