Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCWI03 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSCWI03
Description  DC/DC CONVERTER 3W, SMD Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCWI03 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSCWI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSCWI03 SERIES
DC/DC CONVERTER 3W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/04/12 P7
Page 1 of 5
®
FEATURES
►Very Compact SMD Package
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►I/O Isolation 1500VDC
►Operating Ambient Temp. Range -40℃ to +80℃
►No Min. Load Requirement
►Overload and Short Circuit Protection
►Remote On/Off Control
►Water-washable Process Available(option)
►Qualified for Lead-free Reflow Solder Process According to IPC/JEDEC
J-STD-020D.1
►Tape & Reel Package Available
►UL/cUL/IEC/EN 62368-1 (60950-1) Safety Approval (Pending) & CE Marking
PRODUCT OVERVIEW
The MINMAX MSCWI03 series is the a new range of isolated 3W dc-dc converter modules features ultra-wide input voltage ranges and fully regulated
output voltage. The product come in a SMD package with very small foortprint occupying only 0.3 in2 (0.2 cm2) of PCB space. The converters are qualified
to withstand lead free reflow processes according to IPC J-STD-020D.1 standard. High efficiency allows operating temperatures range of -40℃ to 80℃.
Further features include overload, short circuit protection, no min. load requirement and remote ON/OFF.
These DC/DC converters offer an economical solution for many space critical applications in battery-powered equipment, instrumentation, distributed power
architectures in communication and industrial electronics.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MSCWI03-05S05
5
(4.5 ~ 12)
5
600
741
40
1680
81
MSCWI03-05S12
12
250
714
820
84
MSCWI03-05S15
15
200
714
680
84
MSCWI03-05S24
24
125
714
390
84
MSCWI03-05D12
±12
±125
723
470#
83
MSCWI03-05D15
±15
±100
723
330#
83
MSCWI03-24S05
24
(9 ~ 36)
5
600
156
20
1680
80
MSCWI03-24S12
12
250
147
820
85
MSCWI03-24S15
15
200
147
680
85
MSCWI03-24S24
24
125
147
390
85
MSCWI03-24D12
±12
±125
149
470#
84
MSCWI03-24D15
±15
±100
149
330#
84
MSCWI03-48S05
48
(18 ~ 75)
5
600
78
13
1680
80
MSCWI03-48S12
12
250
74
820
84
MSCWI03-48S15
15
200
74
680
84
MSCWI03-48S24
24
125
74
390
85
MSCWI03-48D12
±12
±125
75
470#
83
MSCWI03-48D15
±15
±100
76
330#
82
# For each output


Similar Part No. - MSCWI03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
DC/DC CONVERTER 2W, SMD Package
More results

Similar Description - MSCWI03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSDWI03 MINMAX-MSDWI03 Datasheet
335Kb / 4P
DC/DC CONVERTER 3W, Ultra compact SMD Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
3W DC/DC CONVERTER, DIP-Package
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MA03 MINMAX-MA03_16 Datasheet
551Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MCW03 MINMAX-MCW03_16 Datasheet
601Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MCWI03 MINMAX-MCWI03_16 Datasheet
582Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
DC/DC CONVERTER 3W, DIP Package
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
DC/DC CONVERTER 3W, DIP-Package
MSDWI03 MINMAX-MSDWI03_15 Datasheet
580Kb / 5P
DC/DC CONVERTER 3W, SMD Package
MSIW1000 MINMAX-MSIW1000_15 Datasheet
412Kb / 5P
DC/DC CONVERTER 3W, SMD-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com