Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCWI03 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MSCWI03
Description  DC/DC CONVERTER 3W, SMD Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCWI03 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MSCWI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCWI03 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSCWI03 SERIES
DC/DC CONVERTER 3W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/04/12 P7
Page 4 of 5
®
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
►All dimensions in mm (inches)
►Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►Pins ±0.05(±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
19.0x14.9x8.5mm (0.75x0.59x0.33 inches)
1
-Vin
-Vin
2
Remote On/Off
Remote On/Off
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
6
NC
Common
7
NC
-Vout
Pin Material
:
Tinned Copper
8
+Vout
+Vout
9
-Vout
Common
Weight
:
3.5g
14
+Vin
+Vin
NC: No Connection
Order Code Table
Standard
For water-washable process
MSCWI03-05S05
MSCWI03-05S05-W
MSCWI03-05S12
MSCWI03-05S12-W
MSCWI03-05S15
MSCWI03-05S15-W
MSCWI03-05S24
MSCWI03-05S24-W
MSCWI03-05D12
MSCWI03-05D12-W
MSCWI03-05D15
MSCWI03-05D15-W
MSCWI03-24S05
MSCWI03-24S05-W
MSCWI03-24S12
MSCWI03-24S12-W
MSCWI03-24S15
MSCWI03-24S15-W
MSCWI03-24S24
MSCWI03-24S24-W
MSCWI03-24D12
MSCWI03-24D12-W
MSCWI03-24D15
MSCWI03-24D15-W
MSCWI03-48S05
MSCWI03-48S05-W
MSCWI03-48S12
MSCWI03-48S12-W
MSCWI03-48S15
MSCWI03-48S15-W
MSCWI03-48S24
MSCWI03-48S24-W
MSCWI03-48D12
MSCWI03-48D12-W
MSCWI03-48D15
MSCWI03-48D15-W
15.24 [0.60]
2.54 [0.10]
1.6 [0.06]
1
7
6
14
8
9
2
1.00 [0.04]
19.0 [0.75]
12.7 [0.5]
1.88
S SEATING
PLANE
0.15 S
0.8 [0.03]
15.4 [0.6]
Top View
2.54
[0.10]
[0.07]
1
7
6
14
8
9
2
Bottom View
1.5 [ 0.06]
9.5 [0.37]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com