Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6264CPC-35LL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT6264CPC-35LL
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT6264CPC-35LL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT6264CPC-35LL Datasheet HTML 1Page - List of Unclassifed Manufacturers UT6264CPC-35LL Datasheet HTML 2Page - List of Unclassifed Manufacturers UT6264CPC-35LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT6264CPC-35LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT6264CPC-35LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT6264CPC-35LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT6264CPC-35LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT6264CPC-35LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT6264CPC-35LL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UTRON
UT6264C
Rev. 1.1
8K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80028
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
1
FEATURES
Access time : 35/70ns (max.)
Low power consumption :
Operating : 45/30 mA (typ.)
CMOS Standby : 2mA (typ.) normal
2
µA (typ.) L-version
1
µA (typ.) LL-version
Single 4.5V~5.5V power supply
Operating temperature :
Commercial : 0℃~70℃
All inputs and outputs TTL compatible
Fully static operation
Three state outputs
Data retention voltage : 2V (min.)
Package : 28-pin 600 mil PDIP
28-pin 330 mil SOP
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
8K × 8
MEMORY
ARRAY
COLUMN I/O
OE
WE
A0-A12
Vcc
Vss
I/O1-I/O8
CE1
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A12
Address Inputs
I/O1 - I/O8
Data Inputs/Outputs
1
CE ,CE2
Chip Enable Inputs
WE
Write Enable Input
OE
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No connection
GENERAL DESCRIPTION
The UT6264C is a 65,536-bit low power CMOS
static random access memory organized as 8,192
words by 8 bits. It is fabricated using high
performance, high reliability CMOS technology.
Easy memory expansion is provided by using two
chip enable input.(
1
CE ,CE2) ,and supports low
data
retention
voltage for
battery back-up
operation with low data retention current.
The UT6264C operates from a single 4.5V~5.5V
power supply and all inputs and outputs are fully
TTL compatible.
PIN CONFIGURATION
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
Vcc
A8
A9
A11
A10
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
Vss
PDIP/SOP
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
1
CE
WE
OE
CE2
NC


Similar Part No. - UT6264CPC-35LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
UT6264BPC-70 ETC-UT6264BPC-70 Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
UT6264BPC-70L ETC-UT6264BPC-70L Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
UT6264BPC-70LL ETC-UT6264BPC-70LL Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
UT6264BSC-35 ETC-UT6264BSC-35 Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - UT6264CPC-35LL

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
LY6264_1008 LYONTEK-LY6264_1008 Datasheet
287Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
8K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com