Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2021 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSKW2021
Description  DC/DC CONVERTER 5W, SMD-Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2021 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSKW2000 SERIES
DC/DC CONVERTER 5W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/07/26 REV : 9 Page 1 of 5
FEATURES
►Industrial SMD Package
►Wide 2:1 Input Voltage Range
►Fully Regulated Output Voltage
►I/O Isolation 1500 VDC
►Operating Ambient Temp. Range -40°C to +85°C
►Overload and Short Circuit Protection
►Remote On/Off Control
►Conducted EMI meets EN55022 Class A & FCC Level A
►Qualified for Lead-free Reflow Solder Process
According to IPC/JEDEC J-STD-020D.1
►Tape & Reel Package Available
►UL/cUL/IEC/EN 60950-1 Safety Approval
PRODUCT OVERVIEW
The MINMAX MSKW2000 series is a range of isolated 5W DC/DC converter modules featuring fully regulated output voltages and wide 2:1 input voltage
ranges.
These products are in a low profile SMD package with dimensions of 33.4 x 20.8 x 9.8 mm. All models are qualified for lead free reflow solder processes
according IPC J-STD-020D.1. An excellent efficiency allows an operating temperature range of–40° to +85°C (with derating).
Typical applications for these converters are battery operated equipment and instrumentation, communication and general industrial electronics.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Reflected
Ripple
Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
μF
%
MSKW2021
12
(9 ~ 18)
3.3
1200
120
434
45
25
680
76
MSKW2022
5
1000
100
521
80
MSKW2023
12
417
41.7
502
83
MSKW2024
15
333
33.3
502
83
MSKW2025
±5
±500
±50
521
100#
80
MSKW2026
±12
±208
±20.8
501
83
MSKW2027
±15
±167
±16.7
503
83
MSKW2031
24
(18 ~ 36)
3.3
1200
120
212
15
15
680
78
MSKW2032
5
1000
100
254
82
MSKW2033
12
417
41.7
245
85
MSKW2034
15
333
33.3
245
85
MSKW2035
±5
±500
±50
254
100#
82
MSKW2036
±12
±208
±20.8
245
85
MSKW2037
±15
±167
±16.7
246
85
MSKW2041
48
(36 ~ 75)
3.3
1200
120
106
6
10
680
78
MSKW2042
5
1000
100
127
82
MSKW2043
12
417
41.7
123
85
MSKW2044
15
333
33.3
122
85
MSKW2045
±5
±500
±50
127
100#
82
MSKW2046
±12
±208
±20.8
122
85
MSKW2047
±15
±167
±16.7
123
85
# For each output


Similar Part No. - MSKW2021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSKW2021 MINMAX-MSKW2021 Datasheet
208Kb / 8P
5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
MSKW2021 MINMAX-MSKW2021 Datasheet
284Kb / 5P
DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSKW2021 TOTAL-POWER-MSKW2021 Datasheet
431Kb / 5P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSKW2021

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
1W DC/DC CONVERTER, SMD-Package
SF05S DELTA-SF05S Datasheet
227Kb / 5P
5W DC/DC CONVERTER, SMD-Package , Wide 2:1 Input Ranage
logo
Wall Industries,Inc.
RA4805UW5 WALL-RA4805UW5 Datasheet
388Kb / 10P
5W DC-DC Converter
logo
Minmax Technology Co., ...
MCWI05 MINMAX-MCWI05_16 Datasheet
586Kb / 5P
DC/DC CONVERTER 5W, SIP-Package
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
DC/DC CONVERTER 2W, SMD Package
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
DC/DC CONVERTER 3W, SMD Package
MSDWI03 MINMAX-MSDWI03_15 Datasheet
580Kb / 5P
DC/DC CONVERTER 3W, SMD Package
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
DC/DC CONVERTER 1W, SMD-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com