Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2021 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSKW2021
Description  DC/DC CONVERTER 5W, SMD-Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2021 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSKW2000 SERIES
DC/DC CONVERTER 5W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/07/26 REV : 9 Page 2 of 5
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
12V Input Models
-0.7
---
25
VDC
24V Input Models
-0.7
---
50
48V Input Models
-0.7
---
100
Start-Up Threshold Voltage
12V Input Models
7.5
8
9
24V Input Models
14
16
18
48V Input Models
30
33
36
Under Voltage Shutdown
12V Input Models
6.5
7
8
24V Input Models
13
15
17
48V Input Models
28
31
34
Short Circuit Input Power
All Models
---
1000
3000
mW
Input Filter
Internal Pi Type
Conducted EMI
Compliance to EN 55022,class A and FCC part 15,class A
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 5.5V or Open Circuit
Converter Off
-0.7V ~ 0.8V
Control Input Current (on)
Vctrl = Min. to Max.
---
---
-200
μA
Control Input Current (off)
Vctrl = Min. to Max.
---
---
-300
μA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
10
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
---
±1.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.3
%
Load Regulation
Io=20% to 100%
---
±0.3
±1.0
%
Ripple & Noise
0-20 MHz Bandwidth
---
---
85
mV P-P
Transient Recovery Time
25% Load Step Change
---
250
500
μsec
Transient Response Deviation
---
±2
±6
%
Temperature Coefficient
---
±0.01
±0.02
%/℃
Over Load Protection
Foldback
115
140
165
%
Short Circuit Protection
Continuous, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Seconds
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
650
750
pF
Switching Frequency
200
260
350
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
1,000,000
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D.1
Level 2
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-report)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com