Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BC856
Description  SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BC856 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BC856 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC856 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC856 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
BC856 BC857 BC858 BC859 BC860
UNIT CONDITIONS.
Static
Group VI
Forward
Current Ratio
hFE
Min
Typ
Max
75
110
150
75
110
150
75
110
150
–
–
–
–
–
–
IC=-2mA,
VCE=-5V
Group A
hFE
Typ
90
90
90
–
–
IC=-0.01mA,VCE=-5V
Min
Typ
Max
125
180
250
IC=-2mA,
VCE=-5V
Typ
120
120
120
–
–
IC=-100mA,VCE=-5V
Group B
hFE
Typ
150
IC=-0.01mA,VCE=-5V
Min
Typ
Max
220
290
475
IC=-2mA,
VCE=-5V
Typ
200
200
200
–
–
IC=-100mA,VCE=-5V
Group C
hFE
Typ.
–
270
270
270
270
IC=-0.01mA,
VCE=-5V
Min
Typ
Max
–
–
–
420
500
800
420
500
800
420
500
800
420
500
800
IC=-2mA,
VCE=-5V
Typ
–
–
400
–
–
IC=-100mA,VCE=-5V
Transition Frequency
fT
Typ
150
150
150
300
300 MHz IC=-10mA,VCE=-5V
f=100MHz
Collector-Base
Capacitance
Cobo
Typ
4.5
pF
VCB=-10V,
f=1MHz
Spice parameter data is available upon request for these devices
BC856
BC857
BC858
BC859
BC860



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com