Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BC856
Description  SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BC856 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BC856 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC856 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC856 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
BC856 BC857 BC858 BC859 BC860
UNIT CONDITIONS.
Noise Figure
N
Typ
Max
2
10
2
10
2
10
1
4
1
4
dB
dB
VCB= -5V,
IC=-200µA, RG=2kΩ,
f=1kHz, ∆f=200Hz
Typ
Max
–
–
–
–
–
–
1.2
4
1
3
dB
dB
VCB= -5V,
IC=-200µA, RG=2kΩ,
f=30Hz to 15kHz at
-3dB points
Equivalent Noise
Voltage
en
Max
–
–
–
110
110 nV
VCB= -5V,
IC=-200µA, RG=2kΩ,
f=10Hz to 50Hz at
-3dB points
Dynamic
Group VI
Characteristics
Group A
Group B
Group C
hie
Min
Typ
Max
0.4
1.2
2.2
0.4
1.2
2.2
0.4
1.2
2.2
–
–
–
–
–
–
kΩ
kΩ
kΩ
VCE=-5V
Ic=-2mA
f=1kHz
Min
Typ
Max
1.6
2.7
4.5
kΩ
kΩ
kΩ
Min
Typ
Max
3.2
4.5
8.5
kΩ
kΩ
kΩ
Min
Typ
Max
–
–
–
–
–
–
6
8.7
15
6
8.7
15
6
8.7
15
kΩ
kΩ
kΩ
Group VI
Group A
Group B
Group C
hre
Typ
Typ
Typ
Typ
2.5
1.5
2
2.5
1.5
2
2.5
1.5
2
3
–
1.5
2
3
–
1.5
2
3
x10-4
x10-4
x10-4
x10-4
Group VI
Group A
Group B
Group C
hfe
Min
Typ
Max
75
110
150
75
110
150
75
110
150
–
–
–
–
–
–
Min
Typ
Max
125
220
260
Min
Typ
Max
240
330
500
Min
Typ
Max
–
–
–
450
600
900
450
600
900
450
600
900
450
600
900
Group VI
hoe
Typ
Max
20
40
20
40
20
40
–
–
–
–
µ
s
µ
s
Group A
Typ
Max
18
30
µ
s
µ
s
Group B
Typ
Max
30
60
µ
s
µ
s
Group C
Typ
Max
–
–
–
–
60
110
60
110
60
110
µ
s
µ
s
BC856
BC857
BC858
BC859
BC860



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com