Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFW13 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BFW13
Description  N-CHANNEL SILICON FET DEPLETION MODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BFW13 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BFW13 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
IGS
VGS = 10 V
TC = 150
OC
100
100
pA
nA
IDSS
VDS = 15 V
VGS = 0 V
0.2
1.5
mA
VGS
VDS = 15 V
ID = 50
µA
0.1
1.0
V
V(P)GS
VDS = 15 V
ID = 500 pA
1.2
V
IyfsI
IyosI
VDS = 15 V
VGS = 0 V
1500
10
µµµµS
IyfsI
IyosI
VDS = 15 V
ID = 200
µA
f = 1.0 MHz
500
5.0
µµµµS
Ciss
Crs
VDS = 15 V
f = 1.0 MHz
5.0
0.8
pF
Vn
VDS = 15 V
ID = 200
µA
BW = 0.6 to 100 Hz
500
nV
N-CHANNEL SILICON FET
DEPLETION MODE
BFW13
DESCRIPTION:
The
ASI BFW13 is Designed for Low
Noise Video Amplifier Applications.
MAXIMUM RATINGS
ID
10 mA
IG
5.0 mA
VDS
30 V
VDG
30 V
VGS
30 V
Ptot
150 mW @ TA = 110
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JA
590
OC/W
PACKAGE STYLE TO- 72
Order code: ASI10832
1 = SOURCE
2 = DRAIN
3 = GATE
4 = SHIELD


Similar Part No. - BFW13

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BFW13 NJSEMI-BFW13 Datasheet
87Kb / 3P
N-CHANNEL SILICON FETS
More results

Similar Description - BFW13

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com