Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ26501 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26501
Description  SINGLE CELL LIION AND LIPOL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26501 Datasheet(HTML) 1 Page - Texas Instruments

  BQ26501 Datasheet HTML 1Page - Texas Instruments BQ26501 Datasheet HTML 2Page - Texas Instruments BQ26501 Datasheet HTML 3Page - Texas Instruments BQ26501 Datasheet HTML 4Page - Texas Instruments BQ26501 Datasheet HTML 5Page - Texas Instruments BQ26501 Datasheet HTML 6Page - Texas Instruments BQ26501 Datasheet HTML 7Page - Texas Instruments BQ26501 Datasheet HTML 8Page - Texas Instruments BQ26501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
bq26501
SLUS586B − OCTOBER 2003 − REVISED MARCH 2004
SINGLECELL LIION AND LIPOL BATTERY GAS GAUGE IC
FOR HANDHELD APPLICATIONS (bqJUNIORt FAMILY)
1
www.ti.com
FEATURES
D Reports Accurate State-of-Charge in Li-Ion
and Li-Pol Cells, No System Processor
Calculations Needed
D Communicates Directly With the Integrated
HDQ Engine in TI OMAP
t Processors
D Reports Cell Temperature and Voltage
D High-Accuracy Coulometric Charge and
Discharge Current Integration with
Automatic Offset Cancellation
D Requires No Offset Calibration
D Programmable Input/Output Port
D Internal Time-Base Eliminates External
Crystal Oscillator
D Four Automatic Low-Power Operating Modes
− Active: < 100
µA
− Sleep: < 2.5
µA
− Ship: < 1.7
µA
− Hibernate: < 1.5
µA
D Small 8-Pin TSSOP Package
APPLICATIONS
D PDAs
D Smart Phones
D MP3 Players
D Digital Cameras
D Internet Appliances
D Handheld Devices
DESCRIPTION
The bq26501, the first in the bqJUNIOR
t family
of advanced gas gauge device for handhald
applications, is a highly accurate standalone
single-cell Li-Ion and Li-Pol battery capacity
monitoring and reporting device targeted at space
limited portable applications. The device monitors
a voltage drop across a small current sense
resistor connected in series with the battery to
determine charge and discharge activity of the
battery. Compensations for battery temperature,
self-discharge, and rate of discharge are applied
to the charge counter to provide available capacity
across a wide range of operating conditions.
Battery capacity is automatically recalibrated, or
learned, in the course of a discharge cycle from full
to empty. Internal registers include available
capacity,
cell
temperature
and
voltage,
state-of-charge, and status and control registers.
The bq26501 can operate directly from single-cell
Li-Ion and Li-Pol batteries and communicates to
the system over a simple one-wire bi-directional
serial interface. The 5-kbits/s HDQ bus interface
reduces communication overhead in the external
microcontroller.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UDG−03038
SIMPLIFIED APPLICATION
1
2
3
4
8
7
6
5
GPIO
SRP
SRN
BAT
RBI
VCC
VSS
HDQ
bq26501
Protection
Controller
+
HDQ
PACK−
PACK+
Battery Pack
Li-Ion
or
Li-Pol


Similar Part No. - BQ26501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26501 TI1-BQ26501 Datasheet
1Mb / 33P
HANDHELD APPLICATIONS
BQ26501 TI2-BQ26501 Datasheet
711Kb / 31P
SINGLE-CELL LI-ION AND LI-POL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS (bqJUNIOR™ FAMILY)
REVISED MARCH 2004
BQ26501PW TI1-BQ26501PW Datasheet
1Mb / 33P
HANDHELD APPLICATIONS
BQ26501PW TI2-BQ26501PW Datasheet
711Kb / 31P
SINGLE-CELL LI-ION AND LI-POL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS (bqJUNIOR™ FAMILY)
REVISED MARCH 2004
BQ26501PW.A TI2-BQ26501PW.A Datasheet
711Kb / 31P
SINGLE-CELL LI-ION AND LI-POL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS (bqJUNIOR™ FAMILY)
REVISED MARCH 2004
More results

Similar Description - BQ26501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
Single Cell Li-Ion Battery Gas Gauge and Protection
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
Gas gauge IC with battery charger control for handheld applications
19-Jan-2015
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
1-Cell Battery Monitor Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com