Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC75M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC75M
Description  Dual 2-Bit Bistable Transparent Latch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC75M Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC75M Datasheet HTML 3Page - Texas Instruments CD74HC75M Datasheet HTML 4Page - Texas Instruments CD74HC75M Datasheet HTML 5Page - Texas Instruments CD74HC75M Datasheet HTML 6Page - Texas Instruments CD74HC75M Datasheet HTML 7Page - Texas Instruments CD74HC75M Datasheet HTML 8Page - Texas Instruments CD74HC75M Datasheet HTML 9Page - Texas Instruments CD74HC75M Datasheet HTML 10Page - Texas Instruments CD74HC75M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FIGURE 7. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 8. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
Test Circuits and Waveforms (Continued)
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54HC75, CD74HC75, CD54HCT75, CD74HCT75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com