Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC75M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC75M
Description  Dual 2-Bit Bistable Transparent Latch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC75M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC75M Datasheet HTML 1Page - Texas Instruments CD74HC75M Datasheet HTML 2Page - Texas Instruments CD74HC75M Datasheet HTML 3Page - Texas Instruments CD74HC75M Datasheet HTML 4Page - Texas Instruments CD74HC75M Datasheet HTML 5Page - Texas Instruments CD74HC75M Datasheet HTML 6Page - Texas Instruments CD74HC75M Datasheet HTML 7Page - Texas Instruments CD74HC75M Datasheet HTML 8Page - Texas Instruments CD74HC75M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS135F
Features
• True and Complementary Outputs
• Buffered Inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC75 and ’HCT75 are dual 2-bit bistable transparent
latches. Each one of the 2-bit latches is controlled by
separate Enable inputs (1E and 2E) which are active LOW.
When the Enable input is HIGH data enters the latch and
appears at the Q output. When the Enable input (1E and 2E)
is LOW the output is not affected.
Pinout
CD54HC75, CD54HCT75 (CERDIP)
CD74HC75 (PDIP, SOIC, SOP, TSSOP)
CD74HCT75 (PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC75F3A
-55 to 125
16 Ld CERDIP
CD54HCT75F3A
-55 to 125
16 Ld CERDIP
CD74HC75E
-55 to 125
16 Ld PDIP
CD74HC75M
-55 to 125
16 Ld SOIC
CD74HC75MT
-55 to 125
16 Ld SOIC
CD74HC75M96
-55 to 125
16 Ld SOIC
CD74HC75NSR
-55 to 125
16 Ld SOP
CD74HC75PW
-55 to 125
16 Ld TSSOP
CD74HC75PWR
-55 to 125
16 Ld TSSOP
CD74HCT75E
-55 to 125
16 Ld PDIP
CD74HCT75M
-55 to 125
16 Ld SOIC
CD74HCT75PWT
-55 to 125
16 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1Q0
1D0
1D1
2E
VCC
2D0
2Q1
2D1
1Q0
1Q1
1E
GND
2Q0
2Q0
2Q1
1Q1
March 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC75, CD74HC75,
CD54HCT75, CD74HCT75
Dual 2-Bit Bistable
Transparent Latch
[ /Title
(CD74
HC75,
CD74
HCT75
)
/Sub-
ject
(Dual
2-Bit
Bistabl
e


Similar Part No. - CD74HC75M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC75M TI-CD74HC75M Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD74HC75M TI-CD74HC75M Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
CD74HC75M TI2-CD74HC75M Datasheet
505Kb / 19P
Dual 2-Bit Bistable Transparent Latch
Revised October 2003
CD74HC75M96 TI-CD74HC75M96 Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD74HC75M96 TI-CD74HC75M96 Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
More results

Similar Description - CD74HC75M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
Quad bistable transparent latch
December 1990
logo
Texas Instruments
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
Dual 2-Bit Bistable Transparent Latch
logo
System Logic Semiconduc...
SL74HC75 SLS-SL74HC75 Datasheet
45Kb / 5P
Dual 2-Bit Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
4-bit Bistable Latch
logo
Intersil Corporation
HCTS75MS INTERSIL-HCTS75MS Datasheet
136Kb / 9P
Radiation Hardened Dual 2-Bit Bistable Transparent Latch
September 1995
logo
Integral Corp.
IN74HC75A INTEGRAL-IN74HC75A Datasheet
214Kb / 6P
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
Texas Instruments
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
4-bit Bistable Latch
logo
IK Semicon Co., Ltd
IN74HC75A IKSEMICON-IN74HC75A Datasheet
218Kb / 6P
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com