Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394KS Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5394KS
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394KS Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5394KS Datasheet HTML 12Page - Cirrus Logic CS5394KS Datasheet HTML 13Page - Cirrus Logic CS5394KS Datasheet HTML 14Page - Cirrus Logic CS5394KS Datasheet HTML 15Page - Cirrus Logic CS5394KS Datasheet HTML 16Page - Cirrus Logic CS5394KS Datasheet HTML 17Page - Cirrus Logic CS5394KS Datasheet HTML 18Page - Cirrus Logic CS5394KS Datasheet HTML 19Page - Cirrus Logic CS5394KS Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
CS5394
16
DS258PP4
MCLKD - Digital Section Input Clock, Pin 20.
MCLKD clocks the digital filter and must be connected to MCLKA. The required MCLKD
frequency is determined by the desired sample rate. A MCLKD of 12.288MHz corresponds to
Fs equal to 48 kHz. MCLKA must be connected to MCLKD.
PDN - Power Down, Pin 19.
When high, the device enters power down. Upon returning low, the device enters normal
operation and issues commands to initialize the voltage reference and synchronize the analog
and digital sections of the device.
S/M - Slave or Master Mode, Pin 17.
When high, the device is configured for Slave mode where LRCK and SCLK are inputs. The
device is configured for Master mode where LRCK and SCLK are outputs when S/M is low.
Digital Outputs
DACTL- Digital to Analog Control Output, Pin 9.
Must be connected to ADCTL. This signal enables communication between the digital and
analog circuits.
SDATA - Digital Audio Data Output, Pin 16.
The 24-bit audio data is presented MSB first, in 2’s complement format. This pin has a internal
pull-down resistor and must remain low during the power-up sequence to avoid accessing a test
mode.
Digital Inputs or Outputs
LRCK - Left/Right Clock, Pin 13.
LRCK determines which channel, left or right, is to be output on SDATA. The relationship
between LRCK, SCLK and SDATA is controlled by the Digital Format Select (DFS) pin.
Although the outputs for each channel are transmitted at different times, Left/Right pairs
represent simultaneously sampled analog inputs. In master mode, LRCK is an output whose
frequency is equal to Fs. In Slave Mode, LRCK is an input whose frequency must be equal to
Fs.
SCLK - Serial Data Clock, Pin 14.
Clocks the individual bits of the serial data from SDATA. The relationship between LRCK,
SCLK and SDATA is controlled by the Digital Format Select (DFS) pin. In master mode,
SCLK is an output clock at 64
× Fs. In slave mode, SCLK is an input which requires a
continuously supplied clock at any frequency from 48
× to 128× Fs (64× is recommended).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com