Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394KS Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5394KS
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394KS Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5394KS Datasheet HTML 14Page - Cirrus Logic CS5394KS Datasheet HTML 15Page - Cirrus Logic CS5394KS Datasheet HTML 16Page - Cirrus Logic CS5394KS Datasheet HTML 17Page - Cirrus Logic CS5394KS Datasheet HTML 18Page - Cirrus Logic CS5394KS Datasheet HTML 19Page - Cirrus Logic CS5394KS Datasheet HTML 20Page - Cirrus Logic CS5394KS Datasheet HTML 21Page - Cirrus Logic CS5394KS Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
CS5394
DS258PP4
19
REFERENCES
1) "Techniques to Measure and Maximize the Performance of a 120 dB, 96 kHz A/D Comveter Integrated
Circuit” by Steven Harris, Steven Green and Ka Leung. Presented at the 103rd Convention of the Au-
dio Engineering Society, September 1997.
2) "A Stereo 16-bit Delta-Sigma A/D Converter for Digital Audio" by D.R. Welland, B.P. Del Signore,
E.J. Swanson, T. Tanaka, K. Hamashita, S. Hara, K. Takasuka. Paper presented at the 85th Convention
of the Audio Engineering Society, November 1988.
3) "The Effects of Sampling Clock Jitter on Nyquist Sampling Analog-to-Digital Converters, and on
Oversampling Delta Sigma ADC's" by Steven Harris. Paper presented at the 87th Convention of the
Audio Engineering Society, October 1989.
4) "An 18-Bit Dual-Channel Oversampling Delta-Sigma A/D Converter, with 19-Bit Mono Application
Example" by Clif Sanchez. Paper presented at the 87th Convention of the Audio Engineering Society,
October 1989.
5) "How to Achieve Optimum Performance from Delta-Sigma A/D and D/A Converters" by Steven Har-
ris. Presented at the 93rd Convention of the Audio Engineering Society, October 1992.
6) "A Fifth-Order Delta-Sigma Modulator with 110dB Audio Dynamic Range" by I. Fujimori, K. Ha-
mashita and E.J. Swanson. Paper presented at the 93rd Convention of the Audio Engineering Society,
October 1992.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com