Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C343 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C343
Description  64-Macrocell MAX EPLD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C343 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C343 Datasheet HTML 4Page - Cypress Semiconductor CY7C343 Datasheet HTML 5Page - Cypress Semiconductor CY7C343 Datasheet HTML 6Page - Cypress Semiconductor CY7C343 Datasheet HTML 7Page - Cypress Semiconductor CY7C343 Datasheet HTML 8Page - Cypress Semiconductor CY7C343 Datasheet HTML 9Page - Cypress Semiconductor CY7C343 Datasheet HTML 10Page - Cypress Semiconductor CY7C343 Datasheet HTML 11Page - Cypress Semiconductor CY7C343 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C343
Document #: 38-03015 Rev. *B
Page 8 of 19
External Synchronous Switching Characteristics Over Operating Range (continued)[7]
Parameter
Description
7C343-30
7C343-35
Unit
Min. Max. Min. Max.
tPD1
Dedicated Input to Combinatorial Output Delay[8]
Com’l/Ind
30
35
ns
Mil
30
35
tPD2
I/O Input to Combinatorial Output Delay[9]
Com’l/Ind
44
53
ns
Mil
44
53
tPD3
Dedicated Input to Combinatorial Output Delay with Expander
Delay[10]
Com’l/Ind
44
55
ns
Mil
44
55
tPD4
I/O Input to Combinatorial Output Delay with Expander Delay[5, 11] Com’l/Ind
58
73
ns
Mil
58
73
tEA
Input to Output Enable Delay[5, 8]
Com’l/Ind
30
35
ns
Mil
30
35
tER
Input to Output Disable Delay[5, 8]
Com’l/Ind
30
35
ns
Mil
30
35
tCO1
Synchronous Clock Input to Output Delay
Com’l/Ind
16
20
ns
Mil
16
20
tCO2
Synchronous Clock to Local Feedback to Combinatorial Output[5,12] Com’l/Ind
35
42
ns
Mil
35
42
tS1
Dedicated Input or Feedback Set-Up Time to Synchronous Clock
Input[8]
Com’l/Ind
20
25
ns
Mil
20
25
tS2
I/O Input Set-Up Time to Synchronous Clock Input[8, 13]
Com’l/Ind
35
42
ns
Mil
35
42
tH
Input Hold Time from Synchronous Clock Input[8]
Com’l/Ind
0
0
ns
Mil
0
0
tWH
Synchronous Clock Input HIGH Time
Com’l/Ind
10
12.5
ns
Mil
10
12.5
tWL
Synchronous Clock Input LOW Time
Com’l/Ind
10
12.5
ns
Mil
10
12.5
tRW
Asynchronous Clear Width[5, 8]
Com’l/Ind
30
35
ns
Mil
30
35
tRR
Asynchronous Clear Recovery Time[5, 8]
Com’l/Ind
30
35
ns
Mil
30
35
tRO
Asynchronous Clear to Registered Output Delay[8]
Com’l/Ind
30
35
ns
Mil
30
35
tPR
Asynchronous Preset Recovery Time[5, 8]
Com’l/Ind
30
35
ns
Mil
30
35
tPO
Asynchronous Preset to Registered Output Delay[8]
Com’l/Ind
30
35
ns
Mil
30
35
tCF
Synchronous Clock to Local Feedback Input[5, 14]
Com’l/Ind
3
5
ns
Mil
3
5
tP
External Synchronous Clock Period (1/fMAX3)
[5]
Com’l/Ind
20
25
ns
Mil
20
25
fMAX1
External Maximum Frequency (1/(tCO1 + tS1))
[5, 15]
Com’l/Ind
27
22.2
MHz
Mil
27
22.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com