Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C343 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C343
Description  64-Macrocell MAX EPLD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C343 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C343 Datasheet HTML 9Page - Cypress Semiconductor CY7C343 Datasheet HTML 10Page - Cypress Semiconductor CY7C343 Datasheet HTML 11Page - Cypress Semiconductor CY7C343 Datasheet HTML 12Page - Cypress Semiconductor CY7C343 Datasheet HTML 13Page - Cypress Semiconductor CY7C343 Datasheet HTML 14Page - Cypress Semiconductor CY7C343 Datasheet HTML 15Page - Cypress Semiconductor CY7C343 Datasheet HTML 16Page - Cypress Semiconductor CY7C343 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C343
Document #: 38-03015 Rev. *B
Page 13 of 19
tCH
Clock HIGH Time
Com’l/Ind
10
12.5
ns
Mil
10
12.5
tCL
Clock LOW Time
Com’l/Ind
10
12.5
ns
Mil
10
12.5
tIC
Asynchronous Clock Logic Delay
Com’l/Ind
16
18
ns
Mil
16
18
tICS
Synchronous Clock Delay
Com’l/Ind
2
3
ns
Mil
2
3
tFD
Feedback Delay
Com’l/Ind
1
2
ns
Mil
1
2
tPRE
Asynchronous Register Preset Time
Com’l/Ind
6
7
ns
Mil
6
7
tCLR
Asynchronous Register Clear Time
Com’l/Ind
6
7
ns
Mil
6
7
tPCW
Asynchronous Preset and Clear Pulse Width Com’l/Ind
6
7
ns
Mil
6
7
tPCR
Asynchronous Preset and Clear Recovery
Time
Com’l/Ind
6
7
ns
Mil
6
7
tPIA
Programmable Interconnect Array Delay Time Com’l/Ind
16
20
ns
Mil
16
20
Internal Switching Characteristics Over Operating Range (continued)[7]
Parameter
Description
7C343-30
7C343-35
Unit
Min.
Max.
Min.
Max.
Switching Waveforms
External Combinatorial
tPD1 /tPD2
t ER
VALID OUTPUT
DEDICATED INPUT/
I/O INPUT
COMBINATORIAL
OUTPUT
COMBINATORIAL OR
REGISTERED
HIGH-IMPEDANCE
THREE-STATE
HIGH-IMPEDANCE
THREE–STATE
OUTPUT
t ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com