Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFS Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JFS
Description  Motor Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFS Datasheet(HTML) 2 Page - jb Capacitors Company

  JFS_16 Datasheet HTML 1Page - jb Capacitors Company JFS_16 Datasheet HTML 2Page - jb Capacitors Company JFS_16 Datasheet HTML 3Page - jb Capacitors Company JFS_16 Datasheet HTML 4Page - jb Capacitors Company JFS_16 Datasheet HTML 5Page - jb Capacitors Company JFS_16 Datasheet HTML 6Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
JFS-10
JFS-11
JFS-12
JFS-13 (only for D:30mm)
JFS-13
JFS-14
JFS-15
JFS-16
JFS-17
JFS-18
JFS-19 (only for D:30mm)
JFS-20
JFS-21
Motor Capacitor – JFS
FEATURES
Ø
jb CBB60 plastic case cylindrical JFS-10~21 capacitors with UL and cUL
approvals.
Ø
Low D.F. (dissipation factor), good self-healing character
Ø
High I.R. (insulation resistance)
Ø
High safety & High reliability
Ø
Anti-Striking current, strong over-carrier capacity
SPECIFICATIONS
Operating Condition
-40℃ ~ +85℃
Capacitance Range
1uF ~ 100uF(JFS-10~21)
Capacitance Tolerance
J(±5%)、K(±10%)
Rated Voltage
250V 450V (AC)
Withstand Voltage
AC≥2UR 2S(lmax≤1.3 lnA)
Dissipation Factor
≤0.004 1KHz(JFS-10~21)
Insulation Resistance
≥3000S
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com