Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFS Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JFS
Description  Motor Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFS Datasheet(HTML) 1 Page - jb Capacitors Company

  JFS_16 Datasheet HTML 1Page - jb Capacitors Company JFS_16 Datasheet HTML 2Page - jb Capacitors Company JFS_16 Datasheet HTML 3Page - jb Capacitors Company JFS_16 Datasheet HTML 4Page - jb Capacitors Company JFS_16 Datasheet HTML 5Page - jb Capacitors Company JFS_16 Datasheet HTML 6Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
JFS-B
JFS-C
JFS-D
JFS-5
JFS-6
JFS-7
JFS-8
JFS-9
Remark:
(a) For JFS-C, JFS-5, JFS-7, JFS-9 we will offer black color.
(b) For JFS-7, JFS-8, JFS-9 Two wires leads maybe will not in center position, different wire position does not make
any change in capacitors installation and electrical performance.
Motor Capacitor – JFS
FEATURES
Ø
Electrical apparatus use metalized film with precisely quality control
Ø
Low D.F. (dissipation factor), lower temperature rise.
Ø
High I.R. (insulation resistance) small size
Ø
High safety & high reliability
Ø
Durability and characteristics of frequency, etc
SPECIFICATIONS
Operating Condition
-40℃ ~ +85℃
Capacitance Range
1uF ~ 20uF(JFS-B~D、JFS-5~7、JFS-9)
Capacitance Tolerance
J(±5%)、K(±10%)
Rated Voltage
250V 450V (AC)
Withstand Voltage
AC≥2UR 2S(lmax≤1.3 lnA)
Dissipation Factor
≤0.003 1KHz(JFS-A~D、JFS-5~7、JFS-9)
Insulation Resistance
≥3000S
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JFS_16

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
JFS0500-24 TDK-JFS0500-24 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
JFS0500-48 TDK-JFS0500-48 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
JFS0750-24 TDK-JFS0750-24 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
JFS0750-48 TDK-JFS0750-48 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
More results

Similar Description - JFS_16

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
MOTOR STARTING CAPACITOR
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
MOTOR STARTING CAPACITOR
logo
jb Capacitors Company
JSW JBCAPACITORS-JSW_16 Datasheet
252Kb / 1P
Motor Starting Capacitor
logo
Suntan Capacitors
TS13D3-CD60 SUNTAN-TS13D3-CD60_17 Datasheet
178Kb / 1P
MOTOR STARTING CAPACITOR
logo
Kemet Corporation
C274AC25120AA0J KEMET-C274AC25120AA0J Datasheet
55Kb / 1P
Capacitor, film, 12 uF, /-5% Tol, 470 VAC, Motor Run
C274AC24300AA0J KEMET-C274AC24300AA0J Datasheet
55Kb / 1P
Capacitor, film, 3 uF, /-5% Tol, 470 VAC, Motor Run
logo
Cornell Dubilier Electr...
SFA CDE-SFA Datasheet
111Kb / 1P
AC Motor- Run Capacitor Hardware and Accessories
TH17 CDE-TH17 Datasheet
104Kb / 1P
Motor Start Capacitor Mounting Hardware and Accessories
logo
Kemet Corporation
C274AC24400AA0J KEMET-C274AC24400AA0J Datasheet
55Kb / 1P
Capacitor, film, 4 uF, /-5% Tol, 470 VAC, Motor Run
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com