Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6923P Datasheet(PDF) 2 Page - Analog Power

Part # AM6923P
Description  Dual P-Channel 12-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM6923P Datasheet(HTML) 2 Page - Analog Power

  AM6923P Datasheet HTML 1Page - Analog Power AM6923P Datasheet HTML 2Page - Analog Power AM6923P Datasheet HTML 3Page - Analog Power AM6923P Datasheet HTML 4Page - Analog Power AM6923P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AM6923P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM6923_C
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Min Typ Max
Gate-Threshold Voltage
VGS(th)
VDS =VGS, ID =-250uA
-0.4
V
Gate-Body Leakage
IGSS
VDS= 0 V, VGS=+/-8V
±100
nA
VDS =-9.6V, VGS =0V
-1
VDS= -9.6 V, VGS= 0 V, TJ = 55
oC
-10
On-State Drain Current
A
ID(on)
VDS =-5V, VGS =-10V
-3
A
VGS =-4.5V, ID =-4.0A
0.022
VGS =-2.5V, ID =-3.6A
0.027
VGS =-1.8V, ID =-3.2A
0.032
Forward Tranconductance
A
gfs
VDS =-5V, ID =-4.0A
3
S
Diode Forward Voltage
VSD
IS =-1.6A, VGS =0V
-0.7
V
Total Gate Charge
Qg
19
Gate-Source Charge
Qgs
4.5
Gate-Drain Charge
Qgd
5.3
Input Capacitance
Ciss
1800
Output Capacitance
Coss
400
Reverse Transfer Capacitance
Crss
300
Turn-On Delay Time
td(on)
240
Rise Time
tr
580
Turn-Off Delay Time
td(off)
7
Fall-Time
tf
4.2
VDD =-5V, RL =5OHM,
VGEN =-4.5V, RG =6OHM
ns
Drain-Source On-Resistance
A
Dynamic
b
VDS =-5V, VGS =-4.5V,
ID =-4.0A
nC
Ω
rDS(on)
P-Channel VDS=-6V, VGS=0V,
f=1MHz
pF
SPECIFICATIONS (TA =25
oCUNLESSOTHERWISENOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Parameter
Limits
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com