Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6923P Datasheet(PDF) 1 Page - Analog Power

Part # AM6923P
Description  Dual P-Channel 12-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM6923P Datasheet(HTML) 1 Page - Analog Power

  AM6923P Datasheet HTML 1Page - Analog Power AM6923P Datasheet HTML 2Page - Analog Power AM6923P Datasheet HTML 3Page - Analog Power AM6923P Datasheet HTML 4Page - Analog Power AM6923P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AM6923P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM6923_C
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
Dual P-Channel 12-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
TSSOP-8 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
-12
VGS
±8
TA=25
oC-5.7
TA=70
oC-4.7
IDM
-10
IS
±1.6
A
TA=25
oC1.15
TA=70
oC0.7
TJ, Tstg -55to150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTEMAXIMUMRATINGS(TA = 25
oCUNLESSOTHERWISENOTED)
Parameter
PulsedDrainCurrent
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous DrainCurrent
a
ID
A
Power Dissipation
a
PD
OperatingJunctionandStorage Temperature Range
W
Symbol
Typ
Max
t <= 10 sec
93
110
Steady State
130
150
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
oC/W
RthJA
Parameter
S
2
D
2
G
2
P-Channel MOSFET
S
1
D
1
P-Channel MOSFET
G
1
TSSOP-8
Top View
D1
S1
S1
1
2
3
4
G1
D2
S2
S2
8
7
6
5
G2
VDS (V)
rDS(on) (OHM)
ID (A)
0.022 @VGS=-4.5V
-5.7
0.027 @VGS=-2.5V
-4.9
0.032 @VGS=-1.8V
-4.0
-12
PRODUCTSUMMARY


Similar Part No. - AM6923P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6920NH ANALOGPOWER-AM6920NH Datasheet
59Kb / 3P
Dual N-Channel Logical Level MOSFET
AM6921P ANALOGPOWER-AM6921P Datasheet
116Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM6922NH ANALOGPOWER-AM6922NH Datasheet
66Kb / 3P
Dual N-Channel Logical Level MOSFET
AM6924NHE ANALOGPOWER-AM6924NHE Datasheet
323Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM6923P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
Dual P-Channel 12-V (D-S) MOSFET
25-Nov-02
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
Dual P-Channel 12-V (D-S) MOSFET
27-Jun-05
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
Dual P-Channel 12-V (D-S) MOSFET
29-Mar-04
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
Dual P-Channel 12-V (D-S) MOSFET
15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
Dual P-Channel 12-V (D-S) MOSFET
24-Jul-06
SI1917EDH VISHAY-SI1917EDH_08 Datasheet
72Kb / 6P
Dual P-Channel 12-V (D-S) MOSFET
07-Mar-01
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
Dual P-Channel 12 V (D-S) MOSFET
25-Jan-10
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
Dual P-Channel 12-V (D-S) MOSFET
18-May-09
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
Dual P-Channel 12-V (D-S) MOSFET
07-Jul-08
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
Dual P-Channel 12 V (D-S) MOSFET
03-May-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com