Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7540C Datasheet(PDF) 2 Page - Analog Power

Part # AM7540C
Description  P & N-Channel 40-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7540C Datasheet(HTML) 2 Page - Analog Power

  AM7540C Datasheet HTML 1Page - Analog Power AM7540C Datasheet HTML 2Page - Analog Power AM7540C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM7540C
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7540_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Ch Min
Typ
Max
VGS = VDS, ID = 250 uA
N
1
VGS = VDS, ID = -250 uA
P
-1
VGS = -20 V, VDS = 0 V
P
±100
V
G S = 2 0 V, VDS = 0 V
N
±100
VDS = -32 V, VGS = 0 V
P
-1
V
D S = 3 2 V, VGS = 0 V
N
1
V
DS = 5 V, VGS = 10 V
N
20
V
DS = -5 V, VGS = -10 V
P
-20
VGS = 10 V, ID = 1 A
36
VGS = 4.5 V, ID = 1 A
46
VGS = -10 V, ID = -1 A
39
VGS = -4.5 V, ID = -1 A
59
V
DS = 15 V, ID = 1 A
N
40
V
DS = -15 V, ID = -1 A
P
31
N
10
P
10
N
3
P
4
N
3
P
5
N
3
P
3
N
3
P
3
N
30
P
40
N
10
P
10
Forward Tranconductance
A
gfs
S
Total Gate Charge
Qg
N-Channel
V
DS=15V, VGS=4.5V, ID=1A
P-Channel
VDS=-15V, VGS=-4.5V, ID=-1A
nC
SPECIFICATIONS (TA = 25
o
C UNLESS OTHERWISE NOTED)
nA
Static
Test Conditions
V
Symbol
Parame ter
Gate-Threshold Voltage
VGS(th)
Limits
Unit
On-State Drain Current
A
ID(on)
A
Gate-Body Leakage
IGSS
uA
IDSS
Zero Gate Voltage Drain Current
m
Drain-Source On-Resistance
A
rDS(on)
N
P
Rise Time
nS
N-Chaneel
V
DD =1 5 V, VGS=1 0 V, ID=1 A
,
R
G E N=25
,
P-Channel
VDD=-15V, VGS=-10V, ID=-1A
RGEN=15
Fall-Time
tf
Turn-Off Delay Time
td(on)
tr
td(off)
Dynamic
Turn-On Delay Time
Gate-Source Charge
Qgs
Gate-Drain Charge
Qgd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com