Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7540C Datasheet(PDF) 1 Page - Analog Power

Part # AM7540C
Description  P & N-Channel 40-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7540C Datasheet(HTML) 1 Page - Analog Power

  AM7540C Datasheet HTML 1Page - Analog Power AM7540C Datasheet HTML 2Page - Analog Power AM7540C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM7540C
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7540_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, cellular and cordless telephones.
P & N-Channel 40-V (D-S) MOSFET
•
Low rDS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
DFN5x6 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol N-Channel P-Channel Units
VDS
40
-40
VGS
20
-20
TA=25
o
C
8.1
-7.8
TA=70
o
C
6.6
-6.4
IDM
±20
±20
IS
2.9
-2.9
A
TA=25
o
C
3.5
3.5
TA=70
o
C
2.2
2.2
TJ, Tstg
-55 to 150
-55 to 150
o
C
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
VDS (V)
rDS(on) m( )
ID (A)
46 @ VGS = 4.5V
7.2
36 @ VGS = 10V
8.1
55 @ VGS = -4.5V
-6.6
39 @ VGS = -10V
-7.8
40
PRODUCT SUMMARY
-40
Symbol
Maximum
Units
t <= 10 sec
35
o
C/W
Steady State
85
o
C/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
RθJA
S
2
D2
G
2
P-Channel MOSFET
D1
S
1
G
1
N-Channel MOSFET
S1
G1
S2
G2
1
2
3
4
SOIC-8PP
Top View
D1
D1
D2
D2
8
7
6
5


Similar Part No. - AM7540C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7542C ANALOGPOWER-AM7542C Datasheet
487Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
More results

Similar Description - AM7540C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3548C ANALOGPOWER-AM3548C Datasheet
184Kb / 3P
N & P-Channel 40-V (D-S) MOSFET
AM4540C ANALOGPOWER-AM4540C Datasheet
168Kb / 3P
P & N-Channel 40-V (D-S) MOSFET
AM4542C ANALOGPOWER-AM4542C Datasheet
265Kb / 7P
P & N-Channel 40-V (D-S) MOSFET
AM4543C ANALOGPOWER-AM4543C Datasheet
502Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
AMD540CE ANALOGPOWER-AMD540CE Datasheet
372Kb / 7P
P & N-Channel 40-V (D-S) MOSFET
logo
Bruckewell Technology L...
MS4541C BWTECH-MS4541C Datasheet
964Kb / 9P
N P-Channel 40-V (D-S) MOSFET
MSA4P21 BWTECH-MSA4P21 Datasheet
587Kb / 6P
N P-Channel 40-V (D-S) MOSFET
logo
Analog Power
AM7542C ANALOGPOWER-AM7542C Datasheet
487Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
AM4545C ANALOGPOWER-AM4545C Datasheet
545Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com