Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51411GD8G Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS51411GD8G
Description  Low Voltage Buck Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411GD8G Datasheet(HTML) 2 Page - ON Semiconductor

  CS51411GD8G Datasheet HTML 1Page - ON Semiconductor CS51411GD8G Datasheet HTML 2Page - ON Semiconductor CS51411GD8G Datasheet HTML 3Page - ON Semiconductor CS51411GD8G Datasheet HTML 4Page - ON Semiconductor CS51411GD8G Datasheet HTML 5Page - ON Semiconductor CS51411GD8G Datasheet HTML 6Page - ON Semiconductor CS51411GD8G Datasheet HTML 7Page - ON Semiconductor CS51411GD8G Datasheet HTML 8Page - ON Semiconductor CS51411GD8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
2
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
BOOST
VIN
VIN
VIN
Vsw
VSW
VSW
SHDNB
NC
NC
VC
VFB
NC
NC
GND
NC
NC
SYNC
SYNC
SHDNB
18
GND
VSW
VFB
VIN
VC
BOOST
SHDNB
BIAS
18
GND
VSW
VFB
VIN
VC
BOOST
CS51412/4
CS51411/3
CS51411/3
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
BOOST
VIN
VIN
VIN
Vsw
VSW
VSW
BIAS
NC
NC
VC
VFB
NC
NC
GND
NC
NC
SHDNB
CS51412/4
PACKAGE PIN DESCRIPTION
SOIC−8
Package Pin #
DFN18
Package Pin #
Pin Symbol
Function
1
1
BOOST
The BOOST pin provides additional drive voltage to the on−chip NPN
power transistor. The resulting decrease in switch on voltage increases
efficiency.
2
2, 3, 4
VIN
This pin is the main power input to the IC.
3
5, 6, 7
VSW
This is the connection to the emitter of the on−chip NPN power transistor
and serves as the switch output to the inductor. This pin may be
subjected to negative voltages during switch off−time. A catch diode is
required to clamp the pin voltage in normal operation. This node can
stand −1.0 V for less than 50 ns during switch node flyback.
4
(CS51412/CS51414)
8
BIAS
The BIAS pin connects to the on−chip power rail and allows the IC to run
most of its internal circuitry from the regulated output or another low
voltage supply to improve efficiency. The BIAS pin is left floating if this
feature is not used.
5
(CS51411/CS51413)
10
SYNC
This pin provides the synchronization input.
5
(CS51412/CS51414)
4
(CS51411/CS51413)
10
(CS51412/CS51414)
8
(CS51411/CS51413)
SHDNB
Shutdown_bar input. This is an active−low logical input, TTL compatible,
with an internal pull−up current source. The IC goes into sleep mode,
drawing less than 85 mA when the pin voltage is pulled below 1.0 V. This
pin may be left floating in applications where a shutdown function is not
required.
6
13
GND
Power return connection for the IC.
7
16
VFB
The FB pin provides input to the inverting input of the error amplifier. If
VFB is lower than 0.29 V, the oscillator frequency is divided by four, and
current limit folds back to about 1 A. These features protect the IC under
severe overcurrent or short circuit conditions.
8
17
VC
The VC pin provides a connection point to the output of the error
amplifier and input to the PWM comparator. Driving of this pin should be
avoided because on−chip test circuitry becomes active whenever
current exceeding 0.5 mA is forced into the IC.
−
9, 11, 12, 14, 15, 18
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com