Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51411GD8G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51411GD8G
Description  Low Voltage Buck Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411GD8G Datasheet(HTML) 3 Page - ON Semiconductor

  CS51411GD8G Datasheet HTML 1Page - ON Semiconductor CS51411GD8G Datasheet HTML 2Page - ON Semiconductor CS51411GD8G Datasheet HTML 3Page - ON Semiconductor CS51411GD8G Datasheet HTML 4Page - ON Semiconductor CS51411GD8G Datasheet HTML 5Page - ON Semiconductor CS51411GD8G Datasheet HTML 6Page - ON Semiconductor CS51411GD8G Datasheet HTML 7Page - ON Semiconductor CS51411GD8G Datasheet HTML 8Page - ON Semiconductor CS51411GD8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
3
PRODUCT SELECTION GUIDE
Part Number
Frequency
Temperature Range
Bias/Sync
CS51411E
260 kHz
−40°C to 85°C
Sync
CS51411G
260 kHz
0°C to 70°C
Sync
CS51412E
260 kHz
−40°C to 85°C
Bias
CS51412G
260 kHz
0°C to 70°C
Bias
CS51413E
520 kHz
−40°C to 85°C
Sync
CS51413G
520 kHz
0°C to 70°C
Sync
CS51414E
520 kHz
−40°C to 85°C
Bias
CS51414G
520 kHz
0°C to 70°C
Bias
SYNC
VFB
VSW
2
GND
SHDNB
CS51411/3
1N4148
3.3 V
D3
15 mH
VIN
100 mF
100 mF
0.1 mF
Figure 1. Application Diagram, 4.5 V − 16 V to 3.3 V @ 1.0 A Converter
C1
C3
R1
R2
C4
0.1 mF
SYNC
Shutdown
L1
C2
4.5 V − 16 V
D1
205
127
1
3
7
6
8
4
5
1N5821
BOOST
U1
VC
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature Range, TJ
−40 to 150
°C
Lead Temperature Soldering:
Reflow for Leaded: (SMD styles only) (Note 1)
Reflow for Pb−Free: (SMD styles only) (Note 2)
230 peak
260 peak
(Note 3)
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Damage Threshold (Human Body Model)
2.0
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60−150 second above 183°C, 30 second maximum at peak.
2. 60−150 second above 217°C, 40 second maximum at peak.
3. +5°C/0°C allowable conditions, applies to both Pb and Pb−Free Devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com