Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7714 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7714
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7714 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7714 Datasheet HTML 1Page - Texas Instruments DAC7714 Datasheet HTML 2Page - Texas Instruments DAC7714 Datasheet HTML 3Page - Texas Instruments DAC7714 Datasheet HTML 4Page - Texas Instruments DAC7714 Datasheet HTML 5Page - Texas Instruments DAC7714 Datasheet HTML 6Page - Texas Instruments DAC7714 Datasheet HTML 7Page - Texas Instruments DAC7714 Datasheet HTML 8Page - Texas Instruments DAC7714 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DAC7714
Copyright © 2000, Texas Instruments Incorporated
PDS-1533A
Printed in U.S.A. September, 2000
Quad, Serial Input, 12-Bit, Voltage Output
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q LOW POWER: 250mW (max)
q UNIPOLAR OR BIPOLAR OPERATION
q SETTLING TIME: 10
µs to 0.012%
q 12-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q USER SELECTABLE RESET TO MID-
SCALE OR ZERO-SCALE
q SECOND-SOURCE for DAC8420
q SMALL SO-16 PACKAGE
APPLICATIONS
q ATE PIN ELECTRONICS
q PROCESS CONTROL
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
DESCRIPTION
The DAC7714 is a quad, serial input, 12-bit, voltage
output Digital-to-Analog Converter (DAC) with guar-
anteed 12-bit monotonic performance over the –40
°C
to +85
°C temperature range. An asynchronous reset
clears all registers to either mid-scale (800H) or zero-
scale (000H), selectable via the RESETSEL pin. The
device can be powered from a single +15V supply or
from dual +15V and –15V supplies.
Low power and small size makes the DAC7714 ideal
for process control, data acquisition systems, and
closed-loop servo-control. The device is available in a
SO-16 package, and is guaranteed over the –40
°C to
+85
°C temperature range.
DAC A
DAC
Register A
DAC B
DAC
Register B
DAC C
DAC
Register C
DAC D
DAC
Register D
VREFH
VCC
VSS
VOUTD
VOUTC
VOUTB
VOUTA
VREFL
GND
CLK
CS
12
SDI
RESET
RESETSEL
LOADDACS
Serial-to-
Parallel
Shift
Register
DAC
Select
®
DAC7714
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
http://www.burr-brown.com/
http://www.ti.com/
SBAS119


Similar Part No. - DAC7714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7714 TI1-DAC7714 Datasheet
786Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI2-DAC7714 Datasheet
564Kb / 21P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
23-May-2025
DAC7714U TI1-DAC7714U Datasheet
786Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U TI2-DAC7714U Datasheet
564Kb / 21P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
23-May-2025
DAC7714U.A TI2-DAC7714U.A Datasheet
564Kb / 21P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
23-May-2025
More results

Similar Description - DAC7714

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com