Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1922L Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1922L
Description  Temperature Logger iButton With 8kB Datalog Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1922L Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1922L Datasheet HTML 9Page - Dallas Semiconductor DS1922L Datasheet HTML 10Page - Dallas Semiconductor DS1922L Datasheet HTML 11Page - Dallas Semiconductor DS1922L Datasheet HTML 12Page - Dallas Semiconductor DS1922L Datasheet HTML 13Page - Dallas Semiconductor DS1922L Datasheet HTML 14Page - Dallas Semiconductor DS1922L Datasheet HTML 15Page - Dallas Semiconductor DS1922L Datasheet HTML 16Page - Dallas Semiconductor DS1922L Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DS1922L/DS1922T
13 of 48
Figure 2. Hierachical Structure for 1-Wire Protocol
1-Wire net
Other
Devices
BUS
Master
DS1922L, DS1922T
Available
Commands:
Command
Level:
Data Field
Affected:
1-Wire ROM Function
Commands
DS1922-Specific
Memory Function
Commands
Read ROM
Match ROM
Search ROM
Conditional Search ROM
Skip ROM
Resume
Overdrive Skip
Overdrive Match
64-bit ROM, RC-Flag
64-bit ROM, RC-Flag
64-bit ROM, RC-Flag
64-bit ROM, RC-Flag, Alarm Flags,
Search Conditions
RC-Flag
RC-Flag
RC-Flag, OD-Flag
64-bit ROM, RC-Flag, OD-Flag
Write Scratchpad
Read Scratchpad
Copy Scratchpad w/PW
Read Memory w/PW &
w/CRC
Clear Memory w/PW
Forced Conversion
Start Mission w/PW
Stop Mission w/PW
256-bit Scratchpad, Flags
256-bit Scratchpad
512 byte Data Memory, Registers,
Flags, Passwords
Memory, Registers, Passwords
Mission Time Stamp, Mission Samples
Counter, Start Delay, Alarm
Flags, Passwords
Memory addresses 020Ch to 020Dh
Flags, Timestamp, Memory addresses
020Ch to 020Dh (when logging)
Flags
Figure 3. 64-Bit Lasered ROM
MSB
LSB
8-Bit
CRC Code
48-Bit Serial Number
8-Bit Family
Code (41h)
MSB
LSB
MSB
LSB
MSB
LSB
Figure 4. 1-Wire CRC Generator
X
0
X
1
X
2
X
3
X
4
X
5
X
6
X
7
X
8
Polynomial = X
8 + X5 + X4 + 1
1
st
STAGE
2
nd
STAGE
3
rd
STAGE
4
th
STAGE
6
th
STAGE
5
th
STAGE
7
th
STAGE
8
th
STAGE
INPUT DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com