Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1922L Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1922L
Description  Temperature Logger iButton With 8kB Datalog Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1922L Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1922L Datasheet HTML 17Page - Dallas Semiconductor DS1922L Datasheet HTML 18Page - Dallas Semiconductor DS1922L Datasheet HTML 19Page - Dallas Semiconductor DS1922L Datasheet HTML 20Page - Dallas Semiconductor DS1922L Datasheet HTML 21Page - Dallas Semiconductor DS1922L Datasheet HTML 22Page - Dallas Semiconductor DS1922L Datasheet HTML 23Page - Dallas Semiconductor DS1922L Datasheet HTML 24Page - Dallas Semiconductor DS1922L Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DS1922L/DS1922T
21 of 48
MISSION TIME STAMP
The Mission Time Stamp indicates the date and time of the first temperature sample of the mission. There is only
read access to the Mission Time Stamp Register.
Mission Time Stamp Registers Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0219h
0
10s
Single Seconds
021Ah
0
10min.
Single Minutes
021Bh
0
12/24
20hr
AM/PM
10hr
Single Hours
021Ch
0
0
10 Date
Single Date
021Dh
CENT
0
0
10m.
Single Months
021Eh
10yrs
Single Years
MISSION PROGRESS INDICATOR
Depending on settings in the Mission Control Register (address 0213h) the DS1922L/T will log temperature in 8-bit
or 16-bit format. The Mission Samples Counter together with the starting address and the logging format (8 or 16
bits) provides the information to identify valid blocks of data that have been gathered during the current (MIP = 1)
or latest mission (MIP = 0). See Datalog Memory Usage for an illustration.
Mission Samples Counter Register Map
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0220h
Low Byte
0221h
Center Byte
0222h
High Byte
There is only read access to this register.
The number read from the Mission Samples Counter indicates how often the DS1922L/T woke up during a mission
to measure temperature. The number format is 24-bit unsigned integer. The Mission Samples Counter is reset
through the Clear Memory command.
OTHER INDICATORS
The Device Samples Counter is similar to the Mission Samples Counter. During a mission this counter increments
whenever the DS1922L/T wakes up to measure and log data and when the device is testing for a temperature
alarm in SUTA mode. Between missions the counter increments whenever the Forced Conversion command is
executed. This way the Device Samples Counter functions like a gas gauge for the battery that powers the iButton.
Device Samples Counter Register Map
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0223h
Low Byte
0224h
Center Byte
0225h
High Byte
There is only read access to this register.
The Device Samples Counter is reset to zero when the iButton is assembled. The counter will increment a couple
of times during final test. The number format is 24-bit unsigned integer. The maximum number that can be
represented in this format is 16777215.
The Device Configuration Byte is used to allow the master to distinguish between the DS2422 chip, and different
versions of the DS1922 iButtons. The table below shows the codes assigned to the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com