Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV201 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAV201
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAV201 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAV201 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAV201 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV200 - BAV203
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRRM
60
120
200
250
V
Reverse Voltage
VR
50
100
150
200
V
Forward Current
IF
250
mA
Forward Peak Current (at f = 50 Hz)
IFM
625
mA
Peak Forward Surge Current (at tp = 1 s)
IFSM
1
A
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 65 to + 175
O
C
Maximum Thermal Resistance at Tj = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient
at on PC board 50 mm X 50 mm X 1.6 mm
RthJA
500
K/W
Features
Silicon Epitaxial Planar Diodes
Maximum Ratings @ TA = 25°C unless otherwise specified
1 of 2
!
Case: SOD-80/LL34, Glass
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.05 grams (approx.)
Mechanical Data
!
!
!
!
!
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
SURFACE MOUNT FAST SWITCHING DIODE
BAV200
BAV201
BAV202
BAV203
BAV200
BAV201
BAV202
BAV203


Similar Part No. - BAV201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV201 VISHAY-BAV201 Datasheet
55Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Transys Electronics
BAV201 TRSYS-BAV201 Datasheet
138Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
GOOD-ARK Electronics
BAV201 GOOD-ARK-BAV201 Datasheet
106Kb / 2P
Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV201 SEMTECH_ELEC-BAV201 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - BAV201

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com