Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV201 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BAV201
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAV201 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BAV201 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAV201 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
-
-
1
V
Reverse Current
at VR = 50 V
at VR = 100 V
at VR = 150 V
at VR = 200 V
BAV200
BAV201
BAV202
BAV203
IR
-
-
-
-
-
-
-
-
100
100
100
100
nA
nA
nA
nA
Breakdown Voltage
at IR = 100 µA
BAV200
BAV201
BAV202
BAV203
V(BR)
60
120
200
250
-
-
-
-
-
-
-
-
V
V
V
V
Differential Forward Resistance
at IF = 10 mA
rf
-
5
-
Ω
Capacitance
at VR = 0, f = 1MHz
CD
-
1.5
-
pF
Reverse Recovery Time
at IF = 30 mA, IR = 30 mA, IR = 3 mA, RL = 100 Ω
trr
-
-
50
ns
Characteristics
(Tj=25°C unless otherwise specified)
Tj=25°C
Fig 2. Forward Current vs. Forward
Voltage
Fig 1. Reverse Current vs. Junction
Temperature
10
Tj - Junction Temperature (°C)
0.1
80
40
0
0.01
1
200
160
120
0
0.1
VR=VRRM
1
10
1000
100
Scattering Limit
100
1000
VF - Forward Voltage (V)
1.2
0.8
0.4
2.0
1.6
Scattering Limit
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com