Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE2_SERIES Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASE2_SERIES
Description  SMD Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE2_SERIES Datasheet(HTML) 1 Page - Abracon Corporation

  ASE2_SERIES Datasheet HTML 1Page - Abracon Corporation ASE2_SERIES Datasheet HTML 2Page - Abracon Corporation ASE2_SERIES Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASE2 SERIES
• CCD clo ck for VTR camera
• Equipment connected to PC or PC cards
• Wireless communication
• Compact and low in height at 1.2mm
• Low current consumption
2mA typ. for 19.2MHz
• Tri state function
• Tight stability option ±20ppm
for -40 to +85°C
• Seam sealed package
assures high reliability
3.2 x 2.5 x 1.2m m
• Suitable for RoHS reflow
2.5V CMOS Compatible SMD Crystal Oscillator
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
OPTIONS & PART IDENTIFICATION: (Left blank if standard)
30332 Esperanza, Rancho SantaMargarita, California92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 08.06.14
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ESD Sensitive
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
0.625
156.25
MHz
Operating Temperature
-10
+70
°C
STD (See options)
Storage Temperature
-55
+125
°C
Overall Frequency Stability
-100
+100
ppm
See options
Supply Voltage (Vdd)
+2.375
2.5
+2.625
V
Supply Current (Idd)
2
8
mA
0.625 ~ 19.99 MHz
3
8
20.00 ~ 31.99 MHz
5
15
32.00 ~ 59.99 MHz
12
25
60.00 ~ 125.00 MHz
15
25
125.01 ~ 156.25MHz
Symmetry @ 1/2Vdd
45
55
%
0.625 ~ 89.999 MHz
40
60
90.00 ~ 156.25 MHz
Rise and Fall Time (Tr/Tf)
3
5
ns
0.625 ~ 19.99 MHz
3
5
20.00 ~ 31.99 MHz
3
5
32.00 ~ 59.99 MHz
3
5
60.00 ~ 125.00 MHz
3
5
125.01 ~ 156.25MHz
S
O
M
C
F
p
5
1
d
a
o
L
t
u
p
t
u
O
Output Voltage (VOH)
0.9* Vdd
V
Output Voltage (VOL)
0.1* Vdd
V
Start-up Time
0.6
3
ms
0.625 ~ 19.99 MHz
0.6
3
20.00 ~ 31.99 MHz
0.6
3
32.00 ~ 59.99 MHz
1.3
2
60.00 ~ 125.00 MHz
1.3
2
125.01 ~ 156.25MHz
Tri-state function
"1" (VIH≥0.7*Vdd) or Open: Oscillation;
"0" (VIL<0.3*Vdd) : Hi Z
:r
e
tt
iJ
S
M
R
2
5
ps
Aging at 25°C (first year)
-5
+5
ppm
Stand-by Current:
10
µA
Moisture Sensitivity Level (MSL) –1
Pb RoHS / RoHS II Compliant
ASE2 -
-
MHz -
- -
Frequency in MHz
e.g. 0.625MHz
24.576MHz
14.31818MHz
26.000MHz
156.25MHz
Packaging
Blank: Bulk
T: 1000pcs/Reel
Overall Freq.
Stability
J(*): ±20ppm
R: ±25ppm
K: ±30ppm
H: ±35ppm
B: ±40ppm
C: ±50ppm
Operating Temp.
I: 0°C ~ +50°C
D: -10°C ~ +60°C
E: -20°C ~ +70°C
F: -30°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
*: Temp options I, D, E,
and -10°C to + 70°C only
Contact ABRACON for
wider temperature range.


Similar Part No. - ASE2_SERIES

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
ASE20X14X3NK PENTAIR-ASE20X14X3NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
logo
Tyco Electronics
ASE22RGL MACOM-ASE22RGL Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE22RGS MACOM-ASE22RGS Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE23RGL MACOM-ASE23RGL Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE23RGS MACOM-ASE23RGS Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
More results

Similar Description - ASE2_SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASD_SERIES ABRACON-ASD_SERIES Datasheet
884Kb / 4P
SMD Crystal Oscillator
01.19.15
ASE3_SERIES ABRACON-ASE3_SERIES Datasheet
2Mb / 3P
SMD Crystal Oscillator
03.05.14
ASHEK_SERIES ABRACON-ASHEK_SERIES Datasheet
1Mb / 3P
SMD CRYSTAL OSCILLATOR
10.24.14
logo
AiT Semiconductor Inc.
KOC2016 AITSEMI-KOC2016 Datasheet
220Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC2520 AITSEMI-KOC2520 Datasheet
218Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC3225 AITSEMI-KOC3225 Datasheet
218Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC5032 AITSEMI-KOC5032 Datasheet
229Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC7050 AITSEMI-KOC7050 Datasheet
226Kb / 1P
SMD CRYSTAL OSCILLATOR
KOM AITSEMI-KOM Datasheet
258Kb / 1P
SMD CRYSTAL OSCILLATOR
logo
ECS, Inc.
ECS-2520MVQ ECS-ECS-2520MVQ Datasheet
401Kb / 2P
SMD MultiVolt Crystal Oscillator
Rev. 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com