Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE2_SERIES Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASE2_SERIES
Description  SMD Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE2_SERIES Datasheet(HTML) 2 Page - Abracon Corporation

  ASE2_SERIES Datasheet HTML 1Page - Abracon Corporation ASE2_SERIES Datasheet HTML 2Page - Abracon Corporation ASE2_SERIES Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASE2 SERIES
3.2 x 2.5 x 1.2mm
PIN
FUNCTION
1
2
3
4
Vdd
Tri-state
GND/Case
Output
Dimensions: Inches (mm)
OUTLINE DRAWING:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
REFLOW PROFILE
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Note:
1. The outline package configuration varies with
frequency range. Electrical properties, pin configuration,
and land pattern are the same.
2. Recommend using an approximately 0.01µF bypass
capacitor between Pin 2 and 4.
2.5V CMOS Compatible SMD Crystal Oscillator
Revised: 08.06.14
Pb RoHS / RoHS II Compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com