Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE3_SERIES Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASE3_SERIES
Description  SMD Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE3_SERIES Datasheet(HTML) 2 Page - Abracon Corporation

  ASE3_SERIES Datasheet HTML 1Page - Abracon Corporation ASE3_SERIES Datasheet HTML 2Page - Abracon Corporation ASE3_SERIES Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASE3 SERIES
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Visit www.abracon.com for Terms & Conditions of Sale
Dimensions: inches (mm)
PIN
FUNCTION
1
Tristate
2
GND/Case
3
Output
4
Vdd
Note: Recommend using an approximately 0.01uF
bypass capacitor between Pin 7 and 14.
Revised: 03.05.14
1.8V CMOS Compatible SMD Crystal Oscillator
OPTIONS & PART IDENTIFICATION: (Left blank if standard)
Pb RoHS/RoHS II compliant
ASE3 -
MHz - - -
Freq. Stability
J*: ± 20 ppm
R: ± 25 ppm
K: ± 30 ppm
H: ± 35 ppm
B: ± 40 ppm
C: ± 50 ppm
*: Temp options I, D, E, and -
10° C to + 70° C only
Frequency in MHz
e.g. 0.625MHz
24.576MHz
14.31818MHz
26.000MHz
Operating Temp.
I: 0°C ~ +50°C
D: -10°C ~ +60°C
E: -20°C ~ +70°C
F: -30°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
Contact ABRACON for wider
temperature range.
Packaging
Blank: Bulk
T: Tape & Reel (1kpcs)
T2: Tape & Reel (250pcs)
3.2 x 2.5 x 1.20 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com