Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE3_SERIES Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASE3_SERIES
Description  SMD Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE3_SERIES Datasheet(HTML) 3 Page - Abracon Corporation

  ASE3_SERIES Datasheet HTML 1Page - Abracon Corporation ASE3_SERIES Datasheet HTML 2Page - Abracon Corporation ASE3_SERIES Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Need a test socket for the ASE3 Series? To view
compatible PRECISION TEST & BURN-IN SOCKETS
for these parts, click here.
ASE3 SERIES
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
TAPE & REEL:
Visit www.abracon.com for Terms & Conditions of Sale
T: Tape and reel (1,000pcs/reel)
T2: Tape and reel (250pcs/reel)
Dimensions: mm
REFLOW PROFILE:
8mm Tape Width
12mm Tape Width
13.0±0.3
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for
Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications
requiring high reliability and/or presenting an extreme operating environment, written consent and authoriza-
tion from Abracon Corporation is required. Please contact Abracon Corporation for more information.
Revised: 03.05.14
1.8V CMOS Compatible SMD Crystal Oscillator
Pb RoHS/RoHS II compliant
3.2 x 2.5 x 1.20 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com