Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE6_SERIES Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASE6_SERIES
Description  SMD Crystal Clock Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE6_SERIES Datasheet(HTML) 1 Page - Abracon Corporation

  ASE6_SERIES Datasheet HTML 1Page - Abracon Corporation ASE6_SERIES Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ASE6 SERIES
• CCD clock for VTR camera
• Computer peripherals
• Digital camera, MP3 player
• Mobile communications
• PDA
• 3.2 x 2.5 x 1.2mm miniature package
• 10uA standby current
• Low current consumption 1.5mA max. for 20MHz
• IR reflow capable
• Tight stability option
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
OPTIONS & PART IDENTIFICATION: (Left blank if standard)
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
3.2 x 2.5 x 1.2mm
1.0V Low Voltage CMOS Output SMD Crystal Clock Oscillator
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Revised: 03.06.14
Pb RoHS/RoHS II compliant
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
5
1
e
g
n
a
R
y
c
n
e
u
q
e
r
F
z
H
M
0
0
0
.
5
2
:
s
e
i
c
n
e
u
q
e
r
F
d
r
a
d
n
a
t
S
Operating Temperature:
-10
+70
°C
See options
C
°
5
2
1
+
5
5
-
:
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability:
-100
+100
ppm
See options
Supply Voltage (Vdd):
+0.95
1.00
+1.05
V
Input Current:
1.0
1.5
mA
1.00 – 20.00MHz
1.5
2.0
mA
20.01 – 40.00MHz
2.0
2.5
mA
40.01 – 50.00MHz
5
4
:
y
rt
e
m
m
y
S
55
%
@ 1/2Vdd
Rise and Fall Time (Tr/Tf):
1.3
3.0
ns
S
O
M
C
F
p
5
1
:
d
a
o
L
t
u
p
t
u
O
Output Voltage (VOH):
0.9* Vdd
V
:)
L
O
V
(
e
g
a
tl
o
V
t
u
p
t
u
O
0.1* Vdd
V
Start-up Time:
1.0
2.0
ms
RMS Jitter:
3.3
5.0
ps
Tri-state function (Stand-by) :
"1" (VIH≥0.7*Vdd) or Open: Oscillation;
"0" (VIH<0.3*Vdd) : Hi Z
Disable Current:
10
µA
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and
not Moisture Sensitive - MSL = N/A: Not Applicable
ASE6 -
MHz - - -
Operating Temp.
I: 0°C ~ +50°C
D: -10°C ~ +60°C
E: -20°C ~ +70°C
F: -30°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
Overall Freq. Stability
J(*): ±20ppm
R: ±25ppm
K: ±30ppm
H: ±35ppm
B: ±40ppm
C: ±50ppm
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 14.31818MHz
Packaging
Blank: Bulk
T: Tape & Reel
* Temp. option I,D,E and -10°C
~ +70°C only
Please contact Abracon for wider
temp. range.


Similar Part No. - ASE6_SERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ASE62RGL MACOM-ASE62RGL Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE62RGS MACOM-ASE62RGS Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE63RGL MACOM-ASE63RGL Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
ASE63RGS MACOM-ASE63RGS Datasheet
154Kb / 4P
Slide Switches, Auto-insertable, Through Hole and Surface Mount
logo
Shanghai Shunye Electro...
ASE65R550E SHUNYE-ASE65R550E Datasheet
2Mb / 14P
MOSFET Silicon N-Channel MOS
More results

Similar Description - ASE6_SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
APV ABRACON-APV Datasheet
755Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM_08 Datasheet
469Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
04.09.08
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ASESERIES ABRACON-ASESERIES Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-50.000MHZ-ET ABRACON-ASE-50.000MHZ-ET Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
ASE-24 ABRACON-ASE-24 Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com