Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS84018 Datasheet(PDF) 21 Page - GSI Technology

Part # GS84018
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84018 Datasheet(HTML) 21 Page - GSI Technology

Back Button GS84018 Datasheet HTML 17Page - GSI Technology GS84018 Datasheet HTML 18Page - GSI Technology GS84018 Datasheet HTML 19Page - GSI Technology GS84018 Datasheet HTML 20Page - GSI Technology GS84018 Datasheet HTML 21Page - GSI Technology GS84018 Datasheet HTML 22Page - GSI Technology GS84018 Datasheet HTML 23Page - GSI Technology GS84018 Datasheet HTML 24Page - GSI Technology GS84018 Datasheet HTML 25Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Rev: 1.12 7/2002
21/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
Preliminary
GS84018/32/36AT/B-180/166/150/100
Q1a
Q3a
Q2d
Q2c
Q2b
Q2a
tKQ
tLZ
tOE
tOHZ
tOLZ
tKQX
tHZ
tKQX
CK
ADSP
ADSC
BW
G
GW
ADV
Burst Read
RD2
RD3
tKL
tS
tH
tH
tS tH
tS tH
ADSC initiated read
Suspend Burst
Single Read
ADSP is blocked by E1 inactive
A0–An
BA–BD
tKH
tKC
tS tH
tS
tS
tH
DQA–DQD
RD1
Hi-Z
Suspend Burst
Flow Through Read Cycle Timing
E2
tS
tH
tH
tH
E1 masks ADSP
E2 and E3 only sampled with ADSP or ADSC
Deselected with E2
E3
E1
tS
tS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com