Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS84018 Datasheet(PDF) 26 Page - GSI Technology

Part # GS84018
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84018 Datasheet(HTML) 26 Page - GSI Technology

Back Button GS84018 Datasheet HTML 22Page - GSI Technology GS84018 Datasheet HTML 23Page - GSI Technology GS84018 Datasheet HTML 24Page - GSI Technology GS84018 Datasheet HTML 25Page - GSI Technology GS84018 Datasheet HTML 26Page - GSI Technology GS84018 Datasheet HTML 27Page - GSI Technology GS84018 Datasheet HTML 28Page - GSI Technology GS84018 Datasheet HTML 29Page - GSI Technology GS84018 Datasheet HTML 30Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Rev: 1.12 7/2002
26/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
Preliminary
GS84018/32/36AT/B-180/166/150/100
GS84018/32/36A Output Driver Characteristics
-80
-60
-40
-20
0
20
40
60
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
V Out (Pull Dow n)
VDDQ - V Out (Pull Up)
3.6V PD LD
3.3V PD LD
3.1V PD LD
3.1V PU LD
3.3V PU LD
3.6V PU LD
Pull Up Drivers
Pull Down Drivers
VDDQ
VOut
I Out
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com