Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC08 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT24LC08
Description  CMOS 8K 2-Wire Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC08 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT24LC08 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC08 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC08 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC08 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC08 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC08 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC08 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC08 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC08 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT24LC08
CMOS 8K 2-Wire Serial EEPROM
Block Diagram
Pin Assignment
Pin Description
Pin Name
I/O
Description
A0~A2
I
Address input
SDA
I/O
Serial data
SCL
I
Serial clock input
WP
I
Write protect
VSS
¾
Negative power supply, ground
VCC
¾
Positive power supply
Rev. 1.30
1
November 25, 2003
Features
· Operating voltage: 2.2V~5.5V
· Low power consumption
- Operation: 5mA max.
- Standby: 5mA max.
· Internal organization: 1024´8
· 2-wire Serial Interface
· Write cycle time: 5ms max.
· Automatic erase-before-write operation
· Partial page write allowed
· 16-byte Page Write Mode
· Write operation with built-in timer
· Hardware controlled write protection
· 40-year data retention
· 106 rewrite cycles per word
· Commercial temperature range (0°Cto+70°C)
· 8-pin DIP/SOP package
General Description
The HT24LC08 is an 8K-bit serial read/write non-volatile
memory device using the CMOS floating gate process.
Its 8192 bits of memory are organized into 1024 words
and each word is 8 bits. The device is optimized for use
in many industrial and commercial applications where
low power and low voltage operation are essential. Up
to two HT24LC08 devices may be connected to the
same 2-wire bus. The HT24LC08 is guaranteed for 1M
erase/write cycles and 40-year data retention.
1
2
3
4
8
7
6
5
H T 2 4 L C 0 8
8 D I P - A / S O P - A
A 0
A 1
A 2
V S S
V C C
W P
S C L
S D A
I / O
C o n t r o l
L o g i c
M e m o r y
C o n t r o l
L o g i c
S C L
S D A
A d d r e s s
C o u n t e r
A 0 ~ A 2
V S S
X
D
E
C
E E P R O M
A r r a y
P a g e B u f f e r
Y D E C
S e n s e A M P
R / W C o n t r o l
H V P u m p
W P
V C C


Similar Part No. - HT24LC08

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC08 HOLTEK-HT24LC08_14 Datasheet
2Mb / 12P
CMOS 8K 2-Wire Serial EEPROM
January 16, 2014
More results

Similar Description - HT24LC08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
8K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
CMOS 4K 2-Wire Serial EEPROM
November 25, 2003
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
logo
Holtek Semiconductor In...
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
CMOS 64K 2-WIRE SERIAL EEPROM
January 5, 2005
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
CMOS 32K 2-Wire Serial EEPROM
March 16, 2006
logo
Sanyo Semicon Device
LE24L082 SANYO-LE24L082 Datasheet
195Kb / 11P
CMOS IC Two Wire Serial Interface EEPROM (8k EEPROM)
LE24C082M SANYO-LE24C082M Datasheet
127Kb / 11P
Two Wire Serial Interface EEPROM (8k EEPROM)
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
CMOS 4K 2-Wire Serial EEPROM
January 16, 2014
HT24LC08 HOLTEK-HT24LC08_14 Datasheet
2Mb / 12P
CMOS 8K 2-Wire Serial EEPROM
January 16, 2014
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com