Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P20D Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6P20D
Description  OTP Encoder
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P20D Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6P20D Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Assignment
Pin Description
HT6P20D
Pin No.
Pin Name
I/O
Internal
Connection
Description
16
1~3
D0~D3
I
CMOS IN
Pull-high
Data input and transmission enable (active low)
They can be externally set to VSS or left open.
4
VSS
¾¾
Negative power supply, ground
5~8
NC
¾¾
No connection
9
OSC2
O
OSCILLATOR
Oscillator output pin
10
OSC1
I
OSCILLATOR
Oscillator input pin
11
DOUT
O
CMOS OUT
Data serial transmission output
12
VDD
¾¾
Positive power supply
13
VPP
I
¾
Programming power supply, VDD for normal operation
14
SIO
I/O
CMOS
IN/OUT
Programming address/control code input and mode code output for
mode verification
15
PGM
I
CMOS IN
Pull-high
Program mode control pin, active low
Approximate internal connection circuits
HT6P20X Series
Rev. 1.40
2
June 20, 2003
1
2
3
4
8
7
6
5
S I O
V P P
V D D
D O U T
P G M
V S S
O S C 2
O S C 1
2 4 - A d d r e s s
0 - D a t a
2 0 - A d d r e s s
4 - D a t a
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
D 0
P G M
S I O
V P P
V D D
D O U T
O S C 1
O S C 2
D 1
D 2
D 3
V S S
N C
N C
N C
N C
1
2
3
4
8
7
6
5
N C
V D D
D O U T
O S C 1
D 0
D 1
V S S
O S C 2
2 2 - A d d r e s s
2 - D a t a
H T 6 P 2 0 A
8 D I P / S O P
H T 6 P 2 0 B
8 D I P / S O P
H T 6 P 2 0 D
1 6 D I P / N S O P
C M O S I N / O U T
C M O S I N
P u l l - h i g h
O S C I L L A T O R
O S C 1
O S C 2
C M O S O U T
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com