Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P20D Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6P20D
Description  OTP Encoder
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P20D Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6P20D Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Application Circuits
HT6P20X Series
Rev. 1.40
5
June 20, 2003
V P P
S I O
V S S
V D D
D O U T
O S C 1
O S C 2
R o s c
7
2
3
4
5
6
8
P G M
D 0
D 1
D 2
D 3
N C
N C
N C
N C
9
1 0
1 1
1 2
1 3
1 4
1
1 6
1 5
H T 6 P 2 0 D
R o s c @ 1 . 4 M W
+ 1 2 V
T r a n s m i t t e r C i r c u i t
V P P
S I O
P G M
V S S
V D D
D O U T
O S C 1
O S C 2
R o s c
1
2
3
4
5
6
8
7
H T 6 P 2 0 A
R o s c @ 1 . 4 M W
T E
+ 1 2 V
T r a n s m i t t e r C i r c u i t
L E D
L E D
T r a n s m i t t e r C i r c u i t
V P P
S I O
V S S
V D D
D O U T
O S C 1
O S C 2
R o s c
7
2
3
4
5
6
8
P G M
D 0
D 1
D 2
D 3
N C
N C
N C
N C
9
1 0
1 1
1 2
1 3
1 4
1
1 6
1 5
H T 6 P 2 0 D
R o s c @ 1 . 4 M W
+ 1 2 V
1 0 0 W
0 . 1 m .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com