Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8752CY Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8752CY
Description  LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8752CY Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8752CY Datasheet HTML 1Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 2Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 3Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 4Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 5Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 6Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 7Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 8Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
8752CY
www.icst.com/products/hiperclocks.html
REV. A AUGUST 19, 2002
3
Integrated
Circuit
Systems, Inc.
ICS8752
LOW SKEW, 1-TO-8
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 3. CONTROL INPUT FUNCTION TABLE
TABLE 4A. QA OUTPUT FREQUENCY W/FB_IN = QB
s
t
u
p
n
Is
t
u
p
t
u
O
N
I
_
B
F
_
V
I
D
1
B
L
E
S
_
V
I
D
0
B
L
E
S
t
u
p
t
u
O
B
Q
e
d
o
M
r
e
d
i
v
i
D
)
2
E
T
O
N
(
)
z
H
M
(
1
K
L
C
,
0
K
L
C
)
1
E
T
O
N
(
_
V
I
D
1
A
L
E
S
_
V
I
D
0
A
L
E
S
t
u
p
t
u
O
A
Q
e
d
o
M
r
e
d
i
v
i
D
r
e
i
l
p
i
t
l
u
M
A
Q
)
2
E
T
O
N
(
m
u
m
i
n
i
Mm
u
m
i
x
a
M
B
Q0
0
÷4
5
50
2
1
00
÷2
2
01
÷4
1
10
÷6
7
6
6
.
0
11
÷8
5
.
0
B
Q0
1
÷6
6
6
.
6
30
8
00
÷2
3
01
÷4
5
.
1
10
÷6
1
11
÷8
5
7
.
0
B
Q1
0
÷8
5
.
7
20
6
00
÷2
4
01
÷4
2
10
÷6
3
3
.
1
11
÷8
1
B
Q1
1
÷ 2
1
3
3
.
8
10
4
01
÷2
6
01
÷4
3
10
÷6
2
11
÷8
5
.
1
.
z
H
M
0
8
4
o
t
z
H
M
0
2
2
s
i
e
g
n
a
r
y
c
n
e
u
q
e
r
f
O
C
V
:
1
E
T
O
N
;
r
e
il
p
i
t
l
u
m
e
h
t
s
e
m
i
t
y
c
n
e
u
q
e
r
f
x
K
L
C
o
t
l
a
u
q
e
y
c
n
e
u
q
e
r
f
t
u
p
t
u
o
A
Q
:
2
E
T
O
N
.
x
K
L
C
o
t
l
a
u
q
e
y
c
n
e
u
q
e
r
f
t
u
p
t
u
o
B
Q
s
t
u
p
n
Is
t
u
p
t
u
O
E
O
n
/
R
ML
E
S
_
L
L
PL
E
S
_
K
L
C
_
V
I
D
1
A
L
E
S
_
V
I
D
0
A
L
E
S
_
V
I
D
1
B
L
E
S
_
V
I
D
0
B
L
E
S
x
A
Qx
B
Q
1X
X
X
X
X
X
Z
-
i
HZ
-
i
H
01
X
0
0
0
0
2
/
O
C
V
f4
/
O
C
V
f
01
X
0
1
0
1
4
/
O
C
V
f6
/
O
C
V
f
01
X
1
0
1
0
6
/
O
C
V
f8
/
O
C
V
f
01
X
1
1
1
1
8
/
O
C
V
f2
1
/
O
C
V
f
00
0
0
0
0
0
2
/
0
K
L
C
f4
/
0
K
L
C
f
00
0
0
1
0
1
4
/
0
K
L
C
f6
/
0
K
L
C
f
00
0
1
0
1
0
6
/
0
K
L
C
f8
/
0
K
L
C
f
00
0
1
1
1
1
8
/
0
K
L
C
f2
1
/
0
K
L
C
f
00
1
0
0
0
0
2
/
1
K
L
C
f4
/
1
K
L
C
f
00
1
0
1
0
1
4
/
1
K
L
C
f6
/
1
K
L
C
f
00
1
1
0
1
0
6
/
1
K
L
C
f8
/
1
K
L
C
f
00
1
1
1
1
1
8
/
1
K
L
C
f2
1
/
1
K
L
C
f
.
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
u
o
ll
a
,
H
G
I
H
s
i
E
O
n
/
R
M
n
e
h
W
.
W
O
L
s
i
E
O
n
/
R
M
,
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
r
o
F
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com