Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8752CY Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8752CY
Description  LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8752CY Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8752CY Datasheet HTML 1Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 2Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 3Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 4Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 5Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 6Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 7Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 8Page - Integrated Circuit Systems ICS8752CY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8752CY
www.icst.com/products/hiperclocks.html
REV. A AUGUST 19, 2002
1
Integrated
Circuit
Systems, Inc.
ICS8752
LOW SKEW, 1-TO-8
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
BLOCK DIAGRAM
PIN ASSIGNMENT
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
QB1
QB0
VDDO
VDDO
QA3
QA2
GND
DIV_SELB0
DIV_SELB1
DIV_SELA0
DIV_SELA1
MR/nOE
CLK0
GND
FB_IN
ICS8752
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y package
Top View
÷2
÷4
÷6
÷8
÷12
PLL
PHASE
DETECTOR
PLL_SEL
FB_IN
CLK0
CLK1
CLK_SEL
DIV_SELA1
DIV_SELA0
DIV_SELB1
DIV_SELB0
MR/nOE
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
0
1
1
0
00
01
10
11
00
01
10
11
VCO
GENERAL DESCRIPTION
The ICS8752 is a low voltage, low skew
LVCMOS clock generator and a member of
the HiPerClockS™ family of High Performance
Clock Solutions from ICS. With output fre-
quencies up to 240MHz, the ICS8752 is targeted
for high performance clock applications. Along with a fully in-
tegrated PLL, the ICS8752 contains frequency configurable
outputs and an external feedback input for regenerating clocks
with “zero delay”.
Dual clock inputs, CLK0 and CLK1, support redundant clock
applications. The CLK_SEL input determines which reference
clock is used. The output divider values of Bank A and B are
controlled by the DIV_SELA0:1, and DIV_SELB0:1, respectively.
For test and system debug purposes, the PLL_SEL input
allows the PLL to be bypassed. When HIGH, the MR/nOE
input resets the internal dividers and forces the outputs to
the high impedance state.
The low impedance LVCMOS outputs of the ICS8752 are
designed to drive terminated transmission lines. The effec-
tive fanout of each output can be doubled by utilizing the
ability of each output to drive two series terminated trans-
mission lines.
FEATURES
• Fully integrated PLL
• 8 LVCMOS outputs, 7Ω typical output impedance
• Selectable LVCMOS CLK0 or CLK1 inputs for
redundant clock applications
• Input/Output frequency range: 18.33MHz to 240MHz
at V
CC = 3.3V ± 5%
• VCO range: 220MHz to 480MHz
• External feedback for “zero delay” clock regeneration
• Cycle-to-cycle jitter: 75ps (maximum),
(all outputs are the same frequency)
• Output skew: 100ps (maximum)
• Bank skew: 55ps (maximum)
• 3.3V or 2.5V supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Functionally compatible with MPC952 in some applications
HiPerClockS™
,&6


Similar Part No. - ICS8752CY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8752 IDT-ICS8752 Datasheet
141Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752I IDT-ICS8752I Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS8752I RENESAS-ICS8752I Datasheet
375Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
More results

Similar Description - ICS8752CY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87972I ICST-ICS87972I Datasheet
150Kb / 14P
LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A OCTOBER 18, 2002
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752 IDT-ICS8752 Datasheet
141Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752I IDT-ICS8752I Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS8752I RENESAS-ICS8752I Datasheet
375Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com