Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVS-A-R002 Datasheet(PDF) 3 Page - RHOPOINT COMPONENTS

Part # BVS-A-R002
Description  Precision Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

BVS-A-R002 Datasheet(HTML) 3 Page - RHOPOINT COMPONENTS

  BVS-A-R002 Datasheet HTML 1Page - RHOPOINT COMPONENTS BVS-A-R002 Datasheet HTML 2Page - RHOPOINT COMPONENTS BVS-A-R002 Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Precision Resistors
Typ / type BVS
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 31/10/2000
BVS-3 / 3
Technische Änderungen vorbehalten - technical modifications reserved
pulse width
power [W]
10k
1k
100
10
1
0.1
100k
1M
1
10
100
1k
10k
100k
1
µs
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
100 s
10M
Grenzwerte / Limits:
dR/R
0 nach 1*10
6 Pulsen: < 1%
Mittlere Pulsleistung < 1/10 P
0
dR/R
0 after 1*10
6 pulse cycles: < 1%
average pulsepower < 1/10 P
0
n
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
Gn
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
G
n
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
G
n
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
Gn
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
G
n
o
i
t
a
c
i
f
i
c
e
p
s
/
m
r
o
N3
-
6
8
2
C
E
I
h
t
d
i
w
e
p
a
t
/
e
t
i
e
r
b
t
r
u
Gm
m
6
1
)
.
k
t
S
(
e
li
e
t
u
a
B
l
h
a
z
n
A
)
s
c
p
(
l
e
e
r
r
e
p
s
t
r
a
p
0
0
0
3
Gurtinformationen
tape & reel information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com