Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVS-A-R002 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # BVS-A-R002
Description  Precision Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

BVS-A-R002 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  BVS-A-R002 Datasheet HTML 1Page - RHOPOINT COMPONENTS BVS-A-R002 Datasheet HTML 2Page - RHOPOINT COMPONENTS BVS-A-R002 Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Resistors
Typ / type BVS
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 31/10/2000
BVS-2 / 3
Technische Änderungen vorbehalten - technical modifications reserved
Lastminderungskurve
power derating
Abmessungen BVS ( mm )
dimensions BVS ( mm )
0
20
40
60
80
100
120
140
160
Kontaktstellentemperatur T
K / [
oC]
terminal temperature T
K / [
oC]
0.25
0.5
0.75
1
P / P
Nom
Stabilität 0,5%
stability 0,5%
reduzierte Stabilität 1%
reduced stability 1%
Layoutvorschlag für einen Vierleiteranschluß des Widerstandes
proposal for pcb-layout with four terminal configuration
e
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
l
e
i
p
s
i
e
b
l
l
e
t
s
e
Be
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
l
e
i
p
s
i
e
b
l
l
e
t
s
e
B
e
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
l
e
i
p
s
i
e
b
l
l
e
t
s
e
B
e
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
l
e
i
p
s
i
e
b
l
l
e
t
s
e
Be
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
l
e
i
p
s
i
e
b
l
l
e
t
s
e
B
0
.
1
-
1
0
0
R
-
M
-
S
V
B
p
y
T
e
p
y
t
l
a
i
r
e
t
a
M
l
a
i
r
e
t
a
m
t
r
e
w
s
d
n
a
t
s
r
e
d
i
W
e
u
l
a
v
e
c
n
a
t
s
i
s
e
r
z
n
a
r
e
l
o
T
e
c
n
a
r
e
l
o
t
M
-
S
V
Bn
i
n
a
g
n
a
Mm
h
O
m
1%
1
Tabelle: Typische Materialstärken in Abhängigkeit vom Widerstandswert
Maße ohne Toleranzen nach DIN ISO 2768-1 “mittel“
table: typical material thickness vs. resistance value
Dimensions without tolerances acc. to DIN ISO 2768-1 “medium“
Typ
type
Wert
value
Material
material
Dicke (D)
thickness (D)
BVS-M-R0003
0,3 mOhm
Manganin
1,42 mm
BVS-M-R0005
0,5 mOhm
Manganin
0,86 mm
BVS-M-R001
1 mOhm
Manganin
(0,42 ±0,05) mm
BVS-A-R001
1 mOhm
Aluchrom
1,30 mm
BVS-A-R002
2 mOhm
Aluchrom
0,64 mm
BVS-A-R003
3 mOhm
Aluchrom
(0,43 ±0,05) mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com