Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-92 Datasheet(PDF) 3 Page - CUI INC

Part # CFM-92
Description  DC AXIAL FAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-92 Datasheet(HTML) 3 Page - CUI INC

  CFM-92 Datasheet HTML 1Page - CUI INC CFM-92 Datasheet HTML 2Page - CUI INC CFM-92 Datasheet HTML 3Page - CUI INC CFM-92 Datasheet HTML 4Page - CUI INC CFM-92 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 08/15/2016
│ page 3 of 5
CUI Inc
│ SERIES: CFM-92 │ DESCRIPTION: DC AXIAL FAN
PERFORMANCE CURVES
0.39
0.32
0.24
0.16
0.08
0.00
0.00
0.68
1.36
2.04
2.72
3.40
(CMM)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
0.00
20.00
40.00
60.00
80.00
100.00 120.00 (CFM)
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor
4 pole DC brushless
bearing system
ball bearing
direction of rotation
counter-clockwise viewed from front of fan blade
dimensions
92 x 92 x 25.4
mm
material
PBT (UL94V-0)
weight
12 Vdc input models
24 Vdc input models
96.3
97.0
g
g
MECHANICAL DRAWING
units: mm [inch]
wire: UL 1007, 24 AWG
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow
FG Signal
White
RD Signal
Blue
PWM
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com