Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-92 Datasheet(PDF) 1 Page - CUI INC

Part # CFM-92
Description  DC AXIAL FAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-92 Datasheet(HTML) 1 Page - CUI INC

  CFM-92 Datasheet HTML 1Page - CUI INC CFM-92 Datasheet HTML 2Page - CUI INC CFM-92 Datasheet HTML 3Page - CUI INC CFM-92 Datasheet HTML 4Page - CUI INC CFM-92 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 08/15/2016
page 1 of 5
SERIES: CFM-92
│ DESCRIPTION: DC AXIAL FAN
FEATURES
• 92 x 92 mm frame
• high fan speed for greater air flow
• two ball bearing construction
• auto restart protection standard on all models
PART NUMBER KEY
CFM-9225 - X 3 - XX - CXX
Reserved for Custom
Configurations
Base Number
Input Voltage
1 = 12 Vdc
2 = 24 Vdc
Fan Protection
10 = auto restart protection
11 = auto restart protection / rotation detector
20 = auto restart protection / tachometer signal
22 = auto restart protection / tachometer signal /
PWM control signal
MODEL
input
voltage
input
current
input
power
rated
speed
airflow1
static
pressure2
noise
rated
(Vdc)
range
(Vdc)
typ
(A)
max
(A)
max
(W)
typ
(RPM)
(CFM)
(mm H
2O)
max
(dBA)
CFM-9225-13
12
6~13.8
0.40
0.5
6
4,200
96.06
9.38
49.8
CFM-9225-23
24
16~26.4
0.24
0.32
6.72
4,200
96.06
9.38
49.8
Notes:
1. At 0 mm H
20 static pressure.
2. At 0 CFM airflow.
For more information, please visit the product page.


Similar Part No. - CFM-92

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFM-9225B-120-269 CUID-CFM-9225B-120-269 Datasheet
1Mb / 9P
DC AXIAL FAN
08/12/2022
logo
Same Sky Devices
CFM-9225B-120-269 SAMESKY-CFM-9225B-120-269 Datasheet
1Mb / 10P
DC AXIAL FAN
09/12/2024
logo
CUI Devices
CFM-9225B-125-317 CUID-CFM-9225B-125-317 Datasheet
1Mb / 9P
DC AXIAL FAN
08/12/2022
logo
Same Sky Devices
CFM-9225B-125-317 SAMESKY-CFM-9225B-125-317 Datasheet
1Mb / 10P
DC AXIAL FAN
09/12/2024
logo
CUI Devices
CFM-9225B-130-356 CUID-CFM-9225B-130-356 Datasheet
1Mb / 9P
DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM-92

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com