Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMH-B-R010-1.0 Datasheet(PDF) 3 Page - RHOPOINT COMPONENTS

Part # SMH-B-R010-1.0
Description  Precision Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

SMH-B-R010-1.0 Datasheet(HTML) 3 Page - RHOPOINT COMPONENTS

  SMH-B-R010-1.0 Datasheet HTML 1Page - RHOPOINT COMPONENTS SMH-B-R010-1.0 Datasheet HTML 2Page - RHOPOINT COMPONENTS SMH-B-R010-1.0 Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Precision Resistors
Typ / type SMH
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 02/07/2001
SMH-3 / 3
Technische Änderungen vorbehalten - technical modifications reserved
Pulsbelastungsdiagramm
diagram of pulse energy
0,01
0,1
1
10
100
100 0
100 00
0,00 0001
0,00 001
0,00 01
0,00 1
0,01
0,1
1
10
100
puls e width [s ]
0,00 01
0,00 1
0,01
0,1
1
10
100
n
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
Gn
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
G
n
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
G
n
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
Gn
o
i
t
a
m
r
o
f
n
i
l
e
e
r
d
n
a
e
p
a
t
/
n
o
i
t
a
m
r
o
f
n
i
t
r
u
G
n
o
i
t
a
c
i
f
i
c
e
p
s
/
m
r
o
N3
-
6
8
2
0
6
-
N
E
N
I
D
h
t
d
i
w
e
p
a
t
/
e
t
i
e
r
b
t
r
u
Gm
m
8
e
ll
o
R
/
e
li
e
t
u
a
B
l
h
a
z
n
A
l
e
e
r
r
e
p
s
t
r
a
p
f
o
o
n
0
0
0
5
Lage der Bauteile im Gurt
parts orientation in the tape
e
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
g
n
u
n
h
c
i
e
z
e
b
l
l
e
t
s
e
Be
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
g
n
u
n
h
c
i
e
z
e
b
l
l
e
t
s
e
B
e
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
g
n
u
n
h
c
i
e
z
e
b
l
l
e
t
s
e
B
e
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
g
n
u
n
h
c
i
e
z
e
b
l
l
e
t
s
e
Be
l
p
m
a
x
e
g
n
i
r
e
d
r
o
/
g
n
u
n
h
c
i
e
z
e
b
l
l
e
t
s
e
B
0
.
1
-
0
1
0
R
-
B
-
H
M
S
p
y
T
e
p
y
t
t
r
e
w
s
d
n
a
t
s
r
e
d
i
W
e
u
l
a
v
e
c
n
a
t
s
i
s
e
r
z
n
a
r
e
l
o
T
e
c
n
a
r
e
l
o
t
B
-
H
M
Sm
h
O
m
0
1%
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com