Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMH-B-R010-1.0 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # SMH-B-R010-1.0
Description  Precision Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

SMH-B-R010-1.0 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  SMH-B-R010-1.0 Datasheet HTML 1Page - RHOPOINT COMPONENTS SMH-B-R010-1.0 Datasheet HTML 2Page - RHOPOINT COMPONENTS SMH-B-R010-1.0 Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision Resistors
Typ / type SMH
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 02/07/2001
SMH-1 / 3
Technische Änderungen vorbehalten - technical modifications reserved
Temperaturabhängigkeit des elektrischen Widerstandes von
MANGANIN-Widerständen
temperature dependence of the electrical resistance of
MANGANIN-resistors
Merkmale / features
• 3 Watt Dauerleistung
3 Watt permanent power
• Dauerströme bis 24 A ( 5 mOhm )
constant current up to 24 Amps ( 5 mOhm )
• Vier-Leiter Messwiderstand
resistor with Kelvin connection
• vernickelte Bondflächen
Nickel plated bond pads
• Bauteilrückseite vergoldet ( 0,2 µm typ. )
reverse side covered with gold flash ( 0.2 µm typ. )
• Geeignet für Löttemperaturen bis 280 °C / 30 sek
oder 250 °C / 5 min
max. solder temperature up to 280 °C / 30 sec
or 250 °C / 5 min
• Bauteilmontage: Reflow löten auf Substrat
mounting: reflow soldering on substrate
Applikationen / application
• Meßwiderstand für Leistungshybride
current sensor for power hybrid applications
• Frequenzumrichter / frequency converters
• Leistungsmodule / power modules
Lastminderungskurve
power derating
a
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
Ta
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
T
a
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
T
a
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
Ta
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
T
)
m
h
O
m
(
e
t
r
e
w
s
d
n
a
t
s
r
e
d
i
W)
m
h
O
m
(
s
e
u
l
a
v
e
c
n
a
t
s
i
s
e
r0
0
2
,
0
0
1
,
7
4
,
3
3
,
5
2
,
2
2
,
0
2
,
0
1
,
5
z
n
a
r
e
l
o
Te
c
n
a
r
e
l
o
t%
5
,
%
2
,
%
1
,
*
5
.
0
t
n
e
i
z
i
f
f
e
o
k
r
u
t
a
r
e
p
m
e
T)
r
c
t
(
t
n
e
i
c
i
f
f
e
o
c
e
r
u
t
a
r
e
p
m
e
t)
C
°
0
6
s
i
b
C
°
0
2
(
K
/
m
p
p
0
3
<)
C
°
0
6
o
t
C
°
0
2
(
K
/
m
p
p
0
3
<
h
c
i
e
r
e
b
r
u
t
a
r
e
p
m
e
Te
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
l
b
a
c
il
p
p
aC
°
5
2
1
+
s
i
b
C
°
5
5
-C
°
5
2
1
+
o
t
C
°
5
5
-
t
i
e
k
r
a
b
t
s
a
l
e
By
t
i
c
a
p
a
c
d
a
o
lW
3
d
n
a
t
s
r
e
d
i
w
e
m
r
ä
W
r
e
r
e
n
n
Ie
c
n
a
t
s
i
s
e
r
t
a
e
h
l
a
n
r
e
t
n
i
W
/
K
0
1
<
i
h
t
R
g
n
u
n
n
a
p
s
f
ü
r
Pe
g
a
t
l
o
v
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
d
C
A
V
0
0
1
t
ä
t
i
v
i
t
k
u
d
n
Ie
c
n
a
t
c
u
d
n
i
H
n
0
3
<
t
s
a
l
n
n
e
N
r
e
t
n
u
t
ä
t
il
i
b
a
t
S)
d
a
o
l
l
a
n
i
m
o
n
(
y
t
il
i
b
a
t
sh
0
0
0
2
h
c
a
n
%
5
.
0
<
g
n
u
h
c
i
e
w
b
Ah
0
0
0
2
r
e
t
f
a
%
5
.
0
<
n
o
i
t
a
i
v
e
d
*0.5% Toleranz nur für Ausführung SMH-A
0.5% tolerance only for version SMH-A
0
20
40
60
80
100
120
140
terminal temperature T
K / [
oC]
0.25
0.5
0.75
1
P / P
Nom
stability: 1%
stability: 0.5%
reduced
-40
-20
20
40
60
80
100
120
T [oC]
-1
-0.5
0.5
1
∆R/R
20 [%]


Similar Part No. - SMH-B-R010-1.0

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SMH-01B01-01 NPC-SMH-01B01-01 Datasheet
426Kb / 13P
PythPits Series Infrared Array Sensor Module
logo
List of Unclassifed Man...
SMH-06 ETC1-SMH-06 Datasheet
164Kb / 1P
SURFACE MOUNT LOW PROFILE PCB HEADER
SMH-06270-2 ETC1-SMH-06270-2 Datasheet
164Kb / 1P
SURFACE MOUNT LOW PROFILE PCB HEADER
SMH-06271-2 ETC1-SMH-06271-2 Datasheet
164Kb / 1P
SURFACE MOUNT LOW PROFILE PCB HEADER
SMH-06272-2 ETC1-SMH-06272-2 Datasheet
164Kb / 1P
SURFACE MOUNT LOW PROFILE PCB HEADER
More results

Similar Description - SMH-B-R010-1.0

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
Precision Resistors
BVE-M-R0002 RHOPOINT-BVE-M-R0002 Datasheet
62Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com