Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-R010-1.0 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # SMT-R010-1.0
Description  Precision Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

SMT-R010-1.0 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  SMT-R010-1.0 Datasheet HTML 1Page - RHOPOINT COMPONENTS SMT-R010-1.0 Datasheet HTML 2Page - RHOPOINT COMPONENTS SMT-R010-1.0 Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Resistors
Typ / type SMT
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 15/04/2002
SMT-2 / 3
Technische Änderungen vorbehalten - technical modifications reserved
Abmessungen (mm )
dimensions ( mm )
Gurtungsinformationen
tape & reel information
Lötpadvorschlag für Reflowlötung
proposal for pcb-layout ( reflow soldering )
Querschnitt
cross section
Gurtinformation / tape and reel information
Norm / specification
DIN EN 60286-3
Gurtbreite / tape width
12 mm
Anzahl Bauteile (Stk.)
Parts per reel (pcs.)
5000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com