Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMV-R003-5 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # SMV-R003-5
Description  Precision Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

SMV-R003-5 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  SMV-R003-5 Datasheet HTML 1Page - RHOPOINT COMPONENTS SMV-R003-5 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Resistor Type SMV
Spec Sheet R431-1/2 Dec 97
Remarks:
- Standard resistance values according to E12 with the additional values of 2 and 5
- Minimum quantity of other values on request
- Tolerance 1% for values from 3 mOhm
- Tolerance 0.5% for values from 10 mOhm
Resistor type SMV is the low ohmic version of type SMR
in four-terminal execution. The temperature coefficient
therefore is very low over the complete range; the resistance
value is likewise independent on the quality of the solder
connection.
A high load capacity is achieved with the bulk copper
connections in conjunction with a good heat - conducting
substrate for the resistor element inside, as well as a
temperature resistant epoxy resin housing.
The resistor is also well suitable for switched applications
based on its low inductance.
The type SMV is delivered on a 24 mm belt in accordance
with EIA-481 for automated assembly.
Temperature dependence of the electrical resistance
of ISA-PLAN resistors
-40
-20
20
40
60
80
100
120
T [oC]
-0.4
-0.2
0.2
∆R/R
20 [%]
dimensions ( mm )
power derating curve
0
20
40
60
80
100
120
140
terminal temperature T
K / [
oC]
0.25
0.5
0.75
1
P / P
Nom
stability: 1%
stability: 0.5%
reduced
technical data
resistance range
1 mOhm - 1 Ohm
tolerances
0.5 % / 1 % / 5 %
temperature coefficient ( R > 10 mOhm )
< 30 ppm/K (20 °C to 60 °C)
applicable temperature range
-55 °C to +140 °C
load capacity
3 W
internal thermal resistance (foil / terminals)
Rthi < 15 K/W
dielectric withstanding voltage
1000 V AC
inductance (R = 10 mOhm)
< 10 nH
stability (nominal load at Tk = 80 °C)
deviation < 0.5 % after 2000 h


Similar Part No. - SMV-R003-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SMV-12-500 ASTRODYNE-SMV-12-500 Datasheet
1Mb / 13P
500 Watt, High Efficiency, AC/DC Power Modules
SMV-28-500 ASTRODYNE-SMV-28-500 Datasheet
1Mb / 13P
500 Watt, High Efficiency, AC/DC Power Modules
SMV-48-500 ASTRODYNE-SMV-48-500 Datasheet
1Mb / 13P
500 Watt, High Efficiency, AC/DC Power Modules
SMV-500 ASTRODYNE-SMV-500 Datasheet
1Mb / 13P
500 Watt, High Efficiency, AC/DC Power Modules
More results

Similar Description - SMV-R003-5

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RUG-Z RHOPOINT-RUG-Z Datasheet
52Kb / 1P
Precision Resistor
PBH-R100-F1-1 RHOPOINT-PBH-R100-F1-1 Datasheet
35Kb / 2P
Precision Resistor
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
PLC-R010-5 RHOPOINT-PLC-R010-5 Datasheet
32Kb / 2P
Precision Resistor
PMA-C-R010-5 RHOPOINT-PMA-C-R010-5 Datasheet
88Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM MSYSTEM-REM Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com